Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1781T Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TEA1781T
Szczegółowy opis  GreenChip PC secondary control ICs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1781T Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TEA1781T Datasheet HTML 1Page - NXP Semiconductors TEA1781T Datasheet HTML 2Page - NXP Semiconductors TEA1781T Datasheet HTML 3Page - NXP Semiconductors TEA1781T Datasheet HTML 4Page - NXP Semiconductors TEA1781T Datasheet HTML 5Page - NXP Semiconductors TEA1781T Datasheet HTML 6Page - NXP Semiconductors TEA1781T Datasheet HTML 7Page - NXP Semiconductors TEA1781T Datasheet HTML 8Page - NXP Semiconductors TEA1781T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TEA1781_82_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 13 February 2009
4 of 32
NXP Semiconductors
TEA1781T; TEA1782T
GreenChip PC secondary control ICs
6.
Pinning information
6.1 Pinning
Fig 2.
TEA1782T block diagram
td
QR
S
Vovp(VOUT_STB)
Protection
standby
IVOUT_STB > IOCP_STB
VDD
VDD
Control 12 V
Drive SR
Drive 12 V
Drive
standby
Drive
3.3 V
FSR
WND_SEC_1
GSR
GSB_12V DF_12V
FSB_12V
PGND_12V
GSF_12V
CS_STB
VOUT_STB
014aaa182
Pull-
down
Vref(12V)
Control 12 V
I
V/I
V/I
I
Vref(OCP)
IOCP_STB
OCP_STB
IVOUT_STB
Vovp(VOUT_12V1)
Vref(OCP)
IOCP_12V
IVOUT_12V
Protection 12 V
Control standby
Vuvp(VOUT_12V1)
Vref(stb)
I-control standby
Power-
Good
I
V/I
STARTUP
VENABLE = 4 V
PROT/STDB
VENABLE = 4 V
NORMAL
VENABLE = 11 V
SYSTEM
RESTART
system failure
detection
VVDD > Vstartup(VDD)
VVDD > Vstartup(VDD)
VVDD < Vstop(VDD)
VENABLE
PS_OFF
IENABLE > Iprot(ENABLE)+ EN_NM
+ PS_OFF+ PROT_12V + UVP_STB
PROT_STB
PROT_12V
UVP_STB
Vuvp(VOUT_STB)
QR
S
DOWN
V/I
UP
system
restart
normal
VEN_NM
EN_NM
start
Vref(12V)
start
Vref(stb)
Soft Start
Startup
Opto control
Vstartup(VDD)
EN_NM
ENABLE
PS_OFF
VDD
GND GND
VDD
OPTO
PGOOD
CS_12V
VOUT_12V1
VOUT_12V2
OCP_12V
GSB_STB
DF_STB
FSB_STB
PGND_STB
GSF_STB
I
Enable NM
Digital control
IVOUT_12V2
Ipd
Vtrip
12 V OCP detection
Fig 3.
TEA1781T pin configuration
Fig 4.
TEA1782T pin configuration
FSR
GSR
WND_SEC_2
FSB_3V3
GSB_3V3
DF_3V3
PGOOD
CS_3V3
VOUT_3V3
VSENSE_3V3
PWROK
GSF_5V
PGND_3V3
GND
GSF_3V3
GND
VDD
FSB_5V
GSB_5V
DF_5V
VSTARTUP
OCP
PGND_5V
CS_5V
VOUT_5V
VSENSE_5V
VNTC
ENABLE
TEA1781T
014aaa183
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
FSR
GSR
WND_SEC_1
FSB_STB
GSB_STB
DF_STB
OCP_STB
CS_STB
VOUT_STB
OPTO
PGOOD
GSF_12V
PGND_STB
GND
GSF_STB
GND
VDD
FSB_12V
GSB_12V
DF_12V
OCP_12V
CS_12V
PGND_12V
VOUT_12V1
VOUT_12V2
EN_NM
PS_OFF
ENABLE
TEA1782T
014aaa184
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27


Podobny numer części - TEA1781T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1703T NXP-TEA1703T Datasheet
231Kb / 15P
   GreenChip SMPS standby control IC
Rev. 2.3-28 April 2011
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
   GreenChip SMPS standby control IC
Rev. 1-7 June 2012
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1708T PHILIPS-TEA1708T Datasheet
116Kb / 11P
   GreenChip X capacitor discharge IC
Rev. 1-25 September 2013
TEA1708T NXP-TEA1708T Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
More results

Podobny opis - TEA1781T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1771 PHILIPS-TEA1771 Datasheet
142Kb / 25P
   GreenChip PC primary control IC
Rev. 01-6 February 2009
logo
Fairchild Semiconductor
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
Renesas Technology Corp
M62235P RENESAS-M62235P Datasheet
1Mb / 4P
   Standard Linear ICs Switching power supply secondary side control
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com