Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADCDS-1405EX Arkusz danych(PDF) 8 Page - Murata Power Solutions Inc.

Numer części ADCDS-1405EX
Szczegółowy opis  14-Bit, 5 Megapixels/Second, CCD Signal Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1405EX Arkusz danych(HTML) 8 Page - Murata Power Solutions Inc.

  ADCDS-1405EX Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1405EX Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Figure 11. ADCDS-1405 Timing Diagram
Figure 10. Reference Hold Timing
which is the difference between the "held" reference level
and its associated video level. When the "CDS Output" signal
has settled to the desired accuracy (user defined), the A/D
conversion process can be initiated with the rising edge of a
single start convert (Pin 25) signal.
Once the A/D conversion has been initiated, Reference Hold
(Pin 26) can be placed back into the "Acquisition" mode in
order to begin aquiring the next reference level. For optimal
performance the ADCDS-1405's internal sample-hold
should be placed back into the "Aquisition" mode (Reference
Hold to logic "0") during the CCD's "Reference Quiet Time"
("Reference Quiet Time" is defined as the period when the
CCD's reference signal has settled from all switching transients
to the desired accuracy (see Figure 10). Placing the sample-
hold back into the "aquisition" mode during the "Reference
Quiet Time" prevents the ADCDS-1405's internal amplifiers
from unnecessarily tracking (reproducing) the large switching
transients that occur during the CCD's reset to reference
transition.
Reset N
Reset N+1
Reset N+2
Reset N+3
Reset N+4
CCD OUTPUT
CDS OUTPUT
START CONVERT
DATA OUTPUT
REFERENCE HOLD IN
CDS OUTPUT
DATA OUTPUT
100ns min.
133ns min
120ns min settling line
Full Scale
Step
DATA N-4 VALID
DATA N-3 VALID
DATA N-2 VALID
DATA N-1 VALID
DATA N VALID
20ns min
N
Ref N
Video N
Ref. N+1
Video N+1
70ns min.
200ns min.
75ns min. settling time
50ns typ.
20ns max
Ref. N
Video N
Video N+1
Ref. N+2
Video N+1
Video N+2
Ref. N+3
Video N+1
Video N+3
Ref. N+4
N+2
N+3
N+1
N+2
N+3
Hold
Acquisition
Time
N+1
Invalid data
30ns min., 50ns max.
DATA VALID
50ns typ.
N-4
N-3
N-2
N-1
CCD
OUTPUT
REFERENCE
HOLD
Note: For optimal performance (Fastest Acquisition Time), the ADCDS-1405 should be placed into the Acquisition mode (Reference Hold to logic "0")
during the CCD output's Reference "Quiet Time". Reference "Quiet Time" is defined as the period when the reference signal's switching transients
have settled to an acceptable (user defined) accuracy.
HOLD
Reset
Video
Reference
Reference
"Quiet Time"
100NS MIN.
Acquisition Time
Acquisition mode during
Reference "Quiet Time"
ADCDS-1405
14-Bit, 5 Megapixels/Second, CCD Signal Processor
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_ADCDS-1405.B02 Page 8 of 9


Podobny numer części - ADCDS-1405EX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
ADCDS-1405EX MURATA-ADCDS-1405EX Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1405EX DATEL-ADCDS-1405EX Datasheet
101Kb / 1P
   Electronic Imaging
ADCDS-1405EX-C DATEL-ADCDS-1405EX-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Podobny opis - ADCDS-1405EX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1603 MURATA-PS-ADCDS-1603 Datasheet
353Kb / 11P
   16-Bit, 2.3 Megapixels/Second CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Analog Devices
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com