Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-HZ12BMM Arkusz danych(PDF) 3 Page - Murata Power Solutions Inc.

Numer części ADC-HZ12BMM
Szczegółowy opis  12-Bit, 8 and 20關sec Analog-to-Digital Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-HZ12BMM Arkusz danych(HTML) 3 Page - Murata Power Solutions Inc.

  ADC-HZ12BMM Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SHORT CYCLE OPERATION
Refer to Technical Note 4 for methods of reducing the ADC-HX or ADC-HZ conversion times.
CONNECTIONS
CODING TABLES
UNIPOLAR OPERATION
BIPOLAR OPERATION
INPUT RANGE
COMP. BINARY CODING
INPUT VOLTAGE RANGE
COMP. OFFSET BINARY
COMP. TWO’S COMPLEMENT
0 TO +10V
0 TO +5V
MSB
LSB
+10V
+5V
+2.5V
MSB
LSB
MSB
LSB
+9.9976V
+4.9988V
0000 0000 0000
+9.9951V
+4.9976V
+ 2.4988V
0000 0000 0000
1000 0000 0000
+8.7500
+4.3750
0001 1111 1111
+7.5000
+3.7500
+ 1.8750
0001 1111 1111
1001 1111 1111
+ 7.5000
+3.7500
0011 1111 1111
+5.0000
+2.5000
+ 1.2500
0011 1111 1111
1011 1111 1111
+5.0000
+2.5000
0111 1111 1111
0.0000
0.0000
0.0000
0111 1111 1111
1111 1111 1111
+2.5000
+ 1.2500
1011 1111 1111
-5.0000
-2.5000
-1.2500
1011 1111 1111
0011 1111 1111
+ 1.2500
+0.6250
1101 1111 1111
-7.5000
-3.7500
-1.8750
1101 1111 1111
0101 1111 1111
+0.0024
+ 0.0012
1111 1111 1110
-9.9951
-4.9976
-2.4988
1111 1111 1110
0111 1111 1110
0.0000
0.0000
1111 1111 1111
-10.0000
-5.0000
-2.5000
1111 1111 1111
0111 1111 1111
PIN 14 CONNECTION
RES. (BITS)
PIN 14 TO
RES. (BITS)
PIN 14 TO
1
PIN 11
7
PIN 5
2
PIN 10
8
PIN 4
3
PIN 9
9
PIN 3
4
PIN 8
10
PIN 2
5
PIN 7
11
PIN 1
6
PIN 6
12
PIN 16
CLOCK RATE VS. VOLTAGE
PIN 17
VOLTAGE
CLOCK RATE
ADC-HX
ADC-HZ
0V
600kHZ
1.5MHZ
+5V
720kHZ
1.8MHz
+15V
880kHz
2.2MHz
8, 10 & 12-BIT CONVERSION TIMES
RESOLUTION
12 BITS
10 BITS
8 BITS
ADC-HX Conversion Time
20μs
15μs
10μs
ADC-HZ Conversion Time
8μs
6μs
4μs
Connect These Pins Together
17 & 15
17 & 16
17 & 28
14 & 16
14 & 2
14 & 4
ADC-HX, ADC-HZ Series
12-Bit, 8 and 20μsec Analog-to-Digital Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADCHXHZ.B01 Page 3 of 6


Podobny numer części - ADC-HZ12BMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADC-HZ12BMM DATEL-ADC-HZ12BMM Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-C DATEL-ADC-HZ12BMM-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-QL DATEL-ADC-HZ12BMM-QL Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-QL-C DATEL-ADC-HZ12BMM-QL-C Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Podobny opis - ADC-HZ12BMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
TriQuint Semiconductor
TQ6122 TRIQUINT-TQ6122 Datasheet
939Kb / 23P
   1 Gigasample/sec, 8-bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com