Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-HZ12BMM Arkusz danych(PDF) 6 Page - Murata Power Solutions Inc.

Numer części ADC-HZ12BMM
Szczegółowy opis  12-Bit, 8 and 20關sec Analog-to-Digital Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-HZ12BMM Arkusz danych(HTML) 6 Page - Murata Power Solutions Inc.

  ADC-HZ12BMM Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-HZ12BMM Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL DIMENSIONS
INCHES (mm)
0.040
(1.016)
SEATING
PLANE
0.025
(0.635)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.190 MAX.
(4.826)
0.900 ±0.010
(22.860)
1.11 MAX.
(28.19)
0.100 TYP.
(2.540)
1.72 MAX.
(43.69)
1
16
17
32
1.500
(38.100)
0.100
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.010 ±0.002
(0.254)
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Kovar alloy
50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
ORDERING GUIDE SUMMARY
MODEL
TEMP. RANGE
ADC-HX12BGC
0 to +70°C
ADC-HX12BMC
0 to +70°C
ADC-HX12BMM
–55 to +125°C
ADC-HX12BMM-QL
–55 to +125°C
ADC-HX/883
–55 to +125°C
ADC-HZ12BGC
0 to +70°C
ADC-HZ12BMC
0 to +70°C
ADC-HZ12BMM
–55 to +125°C
ADC-HZ12BMM-QL
–55 to +125°C
ADC-HZ/883
–55 to +125°C
MIL-STD-883B units are available under DESC Drawing Number
5962-88508. Contact DATEL for 883 product specification.
ADC-HX, ADC-HZ Series
12-Bit, 8 and 20μsec Analog-to-Digital Converters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
01/28/09
MDA_ADCHXHZ.B01 Page 6 of 6


Podobny numer części - ADC-HZ12BMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADC-HZ12BMM DATEL-ADC-HZ12BMM Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-C DATEL-ADC-HZ12BMM-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-QL DATEL-ADC-HZ12BMM-QL Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMM-QL-C DATEL-ADC-HZ12BMM-QL-C Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Podobny opis - ADC-HZ12BMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
TriQuint Semiconductor
TQ6122 TRIQUINT-TQ6122 Datasheet
939Kb / 23P
   1 Gigasample/sec, 8-bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com