Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-118 Arkusz danych(PDF) 1 Page - Murata Power Solutions Inc.

Numer części ADS-118
Szczegółowy opis  12-Bit, 5MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-118 Arkusz danych(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-118 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-118 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-118 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-118 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-118 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-118 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-118 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-118 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Figure 1. ADS-118/118A Functional Block Diagram
FEATURES
••••• 12-bit resolution
••••• 5MHz minimum sampling rate
••••• Functionally complete
••••• Small 24-pin DDIP
••••• Requires only ±5V supplies
••••• Low-power, 1.8 Watts
••••• Outstanding dynamic performance
••••• No missing codes over full military temperature range
••••• Edge-triggered, no pipeline delay
••••• Ideal for both time and frequency-domain applications
GENERAL DESCRIPTION
DATEL's ADS-118 and ADS-118A are 12-bit, 5MHz, sampling
A/D converters packaged in space-saving 24-pin DDIP’s. The
ADS-118 offers an input range of ±1V and has three-state
outputs. The ADS-118A has an input range of ±1.25V and
features direct adjustment of offset error.
These functionally complete low-power devices (1.8 Watts)
contain an internal fast-settling sample/hold amplifier, a 12-bit
subranging A/D converter, a precise voltage reference, timing/
control logic, and error-correction circuitry. All timing and
control logic operates from the rising edge of a single start
convert pulse. Digital input and output levels are TTL. Models
are available for use in either commercial (0 to +70°C) or
military (–55 to +125°C) operating temperature ranges.
Applications include radar, transient signal analysis, process
control, medical/graphic imaging, and FFT spectrum analysis.
®
®
INNOVATION and EXCELLENCE
ADS-118, ADS-118A
12-Bit, 5MHz, Low-Power
Sampling A/D Converters
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.) • Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
BIT 12 (LSB)
24
NO CONNECTION
2
BIT 11
23
ANALOG GROUND
3
BIT 10
22
NO CONNECTION
4
BIT 9
21
+5V ANALOG SUPPLY
5
BIT 8
20
–5V SUPPLY
6
BIT 7
19
ANALOG INPUT
7
BIT 6
18
ANALOG GROUND
8
BIT 5
17
ENABLE/OFFSET ADJ.
9
BIT 4
16
START CONVERT
10
BIT 3
15
EOC
11
BIT 2
14
DIGITAL GROUND
12
BIT 1 (MSB)
13
+5V DIGITAL SUPPLY
*
* ADS-118, Pin 17 is ENABLE
ADS-118A, Pin 17 is OFFSET ADJUST
REF
DAC
12 BIT 1 (MSB)
11 BIT 2
10 BIT 3
9
BIT 4
8
BIT 5
7
BIT 6
6
BIT 7
5
BIT 9
4
BIT 9
3
BIT 10
2
BIT 11
1
BIT 12 (LSB)
TIMING AND
CONTROL LOGIC
OFFSET ADJUST 17
ANALOG INPUT 19
START CONVERT 16
EOC 15
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
S
AMP
21
+5V ANALOG
SUPPLY
20
–5V SUPPLY
18, 23
ANALOG
GROUND
13
+5V DIGITAL
SUPPLY
14
DIGITAL
GROUND
22, 24
NO CONNECT
(ADS-118A only)
17 ENABLE
(ADS-118A only)


Podobny numer części - ADS-118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-118-C/883 DATEL-ADS-118-C/883 Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-118-C883 DATEL-ADS-118-C883 Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-118/883 DATEL-ADS-118/883 Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-118883 DATEL-ADS-118883 Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com