Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-916MM Arkusz danych(PDF) 1 Page - Murata Power Solutions Inc.

Numer części ADS-916MM
Szczegółowy opis  14-Bit, 500kHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-916MM Arkusz danych(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-916MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-916MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
®
ADS-916
14-Bit, 500kHz, Low-Power
Sampling A/D Converters
Figure 1. ADS-916 Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765
FEATURES
• 14-bit resolution
• 500kHz sampling rate
• Functionally complete; No missing codes
• Edge-triggered; No pipeline delays
• Small 24-pin DDIP or SMT package
• Low power, 1.8 Watts maximum
• Operates from ±15V or ±12V supplies
• Unipolar 0 to +10V input range
GENERAL DESCRIPTION
The ADS-916 is a high-performance, 14-bit, 500kHz sampling
A/D converter. This device samples input signals up to Nyquist
frequencies with no missing codes. The ADS-916 features
outstanding dynamic performance including a THD of –90dB.
Housed in a small 24-pin DDIP or SMT (gull-wing) package,
the functionally complete ADS-916 contains a fast-settling
sample-hold amplifier, a subranging (two-pass) A/D converter,
a precise voltage reference, timing/control logic, and error-
correction circuitry. Digital input and output levels are TTL.
Requiring ±15V (or ±12V) and +5V supplies, the ADS-916
dissipates 1.8W (1.6W for ±12V) maximum. The unit is offered
with a unipolar input (0 to +10V). Models are available for use
in either commercial (0 to +70°C) or military (–55 to +125°C)
operating temperature ranges. Applications include radar,
sonar, spectrum analysis, and graphic/medical imaging.
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
BIT 14 (LSB)
24
–12V/–15V SUPPLY
2
BIT 13
23
ANALOG GROUND
3
BIT 12
22
+12V/+15V SUPPLY
4
BIT 11
21
+10V REFERENCE OUT
5
BIT 10
20
ANALOG INPUT
6
BIT 9
19
ANALOG GROUND
7
BIT 8
18
BIT 1 (MSB)
8
BIT 7
17
BIT 2
9
BIT 6
16
START CONVERT
10
BIT 5
15
EOC
11
BIT 4
14
DIGITAL GROUND
12
BIT 3
13
+5V SUPPLY
REF
18 BIT 1 (MSB)
17 BIT 2
12 BIT 3
11 BIT 4
10 BIT 5
9
BIT 6
8
BIT 7
7
BIT 8
6
BIT 9
5
BIT 10
4
BIT 11
3
BIT 12
2
BIT 13
1
BIT 14 (LSB)
TIMING AND
CONTROL LOGIC
+10V REF. OUT 21
START CONVERT 16
EOC 15
DAC
FLASH
ADC
BUFFER
+
S/H
ANALOG INPUT 20
13
+5V SUPPLY
22
+12V/+15V SUPPLY
19, 23
ANALOG GROUND
14
DIGITAL GROUND
24
–12V/–15V SUPPLY
S2
S1


Podobny numer części - ADS-916MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-916MM ETC-ADS-916MM Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-916MM ETC-ADS-916MM Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916MM MURATA-PS-ADS-916MM Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-916MM DATEL-ADS-916MM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-916MM-C DATEL-ADS-916MM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-916MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com