Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-917MC Arkusz danych(PDF) 5 Page - Murata Power Solutions Inc.

Numer części ADS-917MC
Szczegółowy opis  14-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-917MC Arkusz danych(HTML) 5 Page - Murata Power Solutions Inc.

  ADS-917MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-917MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-917MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-917MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-917MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-917MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-917MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-917MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
®
ADS-917
5
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of
0 to +70°C and –55 to + 125°C. All room-temperature
(TA = +25°C) production testing is performed without the use of
heat sinks or forced-air cooling. Thermal impedance figures
for each device are listed in their respective specification
tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package.
Electrically-insulating, thermally-conductive "pads" may be
installed underneath the package. Devices should be soldered
to boards rather than "socketed", and of course, minimal air
flow over the surface can greatly help reduce the package
temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters", or contact DATEL directly, for additional
information.
Figure 4. ADS-917 Timing Diagram
Notes: 1. fs = 500kHz.
2. The ADS-917 is an edge-triggered device. All internal operations
are triggered by the rising edge of the start convert pulse, which
may be as narrow as 20nsec. All production testing is performed
at a 1MHz sampling rate with 200nsec wide start pulses. For
lower sampling rates, wider start pulses may be used, however, a
minimum pulse width low of 20nsec must be maintained.
START
CONVERT
OUTPUT
DATA
INTERNAL S/H
N
N+1
Data (N – 1) Valid
200ns
typ.
Acquisition Time
10ns typ.
Data N Valid
926ns min.
EOC
90ns typ.
Conversion Time
420ns ±20ns
Invalid
Data
74ns max.
70ns ±10ns
570ns ±40ns
430ns typ.
35ns max.
Hold
926ns min.
Invalid
Data


Podobny numer części - ADS-917MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-917MC ETC-ADS-917MC Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917MC MURATA-PS-ADS-917MC Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-917MC DATEL-ADS-917MC Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-917MC-C DATEL-ADS-917MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-917MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com