Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-917GM Arkusz danych(PDF) 3 Page - Murata Power Solutions Inc.

Numer części ADS-917GM
Szczegółowy opis  14-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-917GM Arkusz danych(HTML) 3 Page - Murata Power Solutions Inc.

  ADS-917GM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-917GM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-917GM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-917GM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-917GM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-917GM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-917GM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-917GM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
®
ADS-927
3
+25°C
0 to +70°C
–55 to +125°C
ANALOG OUTPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Internal Reference
Voltage
+9.95
+10.0
+10.05
+9.95
+10.0
+10.05
+9.95
+10.0
+10.05
Volts
Drift
±5
±5
±5
ppm/°C
External Current
1.5
1.5
1.5
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+2.4
+2.4
+2.4
Volts
Logic "0"
+0.4
+0.4
+0.4
Volts
Logic Loading "1"
–4
–4
–4
mA
Logic Loading "0"
+4
+4
+4
mA
Delay, Falling Edge of EOC
to Output Data Valid
35
35
35
ns
Output Coding
Offset Binary
POWER REQUIREMENTS, ±15V
Power Supply Ranges
+15V Supply
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
Volts
–15V Supply
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+15V Supply
+43
+65
+43
+65
+43
+65
mA
–15V Supply
–25
–45
–25
–45
–25
–45
mA
+5V Supply
+71
+80
+71
+80
+71
+80
mA
Power Dissipation
1.6
1.95
1.6
1.95
1.6
1.95
Watts
Power Supply Rejection
±0.02
±0.02
±0.02
%FSR/%V
POWER REQUIREMENTS, ±12V
Power Supply Ranges
+12V Supply
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
Volts
–12V Supply
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+12V Supply
+42
+65
+42
+65
+42
+65
mA
–12V Supply
–25
–45
–25
–45
–25
–45
mA
+5V Supply
+71
+80
+71
+80
+71
+80
mA
Power Dissipation
1.4
1.65
1.4
1.65
1.4
1.65
Watts
Power Supply Rejection
±0.02
±0.02
±0.02
%FSR/%V
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
 Effective bits is equal to:
 This is the time required before the A/D output data is valid after the analog input
is back within the specified range.
Footnotes:
ΠAll power supplies must be on before applying a start convert pulse. All supplies
and the clock (START CONVERT) must be present during warmup periods. The
device must be continuously converting during this time. There is a slight
degradation in performance when using ±12V supplies.
 See Ordering Information for 0 to +10V input range. Contact DATEL for
availability of other input voltage ranges.
Ž A 1MHz clock with a 200ns wide start convert pulse is used for all production
testing. For applications requiring less than a 1MHz sampling rate, wider start
convert pulses can be used. See Timing Diagram for more details.
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-927
requires careful attention to pc-card layout and power
supply decoupling. The device’s analog and digital ground
systems are connected to each other internally. For optimal
performance, tie all ground pins (14, 19 and 23) directly to
a large analog ground plane below the package.
Bypass all power supplies and the REFERENCE OUTPUT
(pin 21) to ground with 4.7µF tantalum capacitors in parallel
with 0.1µF ceramic capacitors. Locate the bypass capaci-
tors as close to the unit as possible. If the user-installed
offset and gain adjusting circuit in Figure 2 is used, also
locate it as close to the ADS-927 as possible.
2. The ADS-927 achieves its specified accuracies without the
need for external calibration. If required, the device's small
initial offset and gain errors can be reduced to zero using
the input circuit of Figure 2. When using this circuit, or any
similar offset and gain-calibration hardware, make adjust-
ments following warmup. To avoid interaction, always
adjust offset before gain.
3. When operating the ADS-927 from ±12V supplies, do not
drive external circuitry with the REFERENCE OUTPUT. The
reference's accuracy and drift specifications may not be
met, and loading the circuit may cause accuracy errors
within the converter.
4. Applying a start convert pulse while a conversion is in
progress (EOC = logic "1") initiates a new and inaccurate
conversion cycle. Data for the interrupted and subsequent
conversions will be invalid.


Podobny numer części - ADS-917GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-917GM ETC-ADS-917GM Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917GM MURATA-PS-ADS-917GM Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-917GM DATEL-ADS-917GM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-917GM-C DATEL-ADS-917GM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-917GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com