Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-930MC Arkusz danych(PDF) 6 Page - Murata Power Solutions Inc.

Numer części ADS-930MC
Szczegółowy opis  16-Bit, 500kHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-930MC Arkusz danych(HTML) 6 Page - Murata Power Solutions Inc.

  ADS-930MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-930MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-930MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-930MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-930MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-930MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-930MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-930MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADS-930
6
®
®
Gain Adjust Procedure
1. Apply +4.999771V to the ANALOG INPUT (pin 3) for bipolar
gain adjust or apply –9.999771V to pin 3 for unipolar gain
adjust.
2. For a unipolar input - adjust the gain potentiometer until all
output bits are 1's and the LSB flickers between a 1 and 0
with pin 8 tied high (straight binary) or until all output bits
are 0's and the LSB flickers between a 1 and 0 with pin 8
tied low (complementary binary).
For a bipolar input - adjust the gain potentiometer until all
output bits are 1's and the LSB flickers between a 1 and 0
with pin 8 tied low (complementary offset binary) or until all
output bits are 0's and the LSB flickers between a 1 and 0
with pin 8 tied high (offset binary).
3. Two's complement coding requires using pin 40. With pin 8
tied high, adjust the gain trimpot until the output code
flickers equally between 1000 0000 0000 0000 and 1000
0000 0000 0001.
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of
0 to +70°C and –55 to +125°C. All room-temperature
(TA = +25°C) production testing is performed without the use of
heat sinks or forced-air cooling. Thermal impedance figures
for each device are listed in their respective specification
tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package. Electrically-
insulating, thermally-conductive "pads" may be installed
underneath the package. Devices should be soldered to
boards rather than "socketed", and of course, minimal air flow
over the surface can greatly help reduce the package
temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters," or contact DATEL directly, for additional data.
Figure 4. FFT Analysis of ADS-930
Figure 3. ADS-930 Timing Diagram
Note: Scale is approximately 50ns per division.
START
CONVERT
INTERNAL S/H
N
10ns min., 25ns max.
EOC
OUTPUT
DATA
Data N-1 Valid
Hold 1.54µs typ.
140ns max.
Data N Valid
1.39µs min.
Invalid
Data
460ns typ. 545ns max.
Acquisition Time
10ns min.
25ns max.
Conversion Time
700ns ±30ns
175ns min., 200ns typ., 215ns max .
N+1
780ns ±30ns
30ns min .


Podobny numer części - ADS-930MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-930MC ETC1-ADS-930MC Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-930MC DATEL-ADS-930MC Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930MC-C DATEL-ADS-930MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-930MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com