Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-932 Arkusz danych(PDF) 8 Page - Murata Power Solutions Inc.

Numer części ADS-932
Szczegółowy opis  16-Bit, 2MHz Sampling A/D Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-932 Arkusz danych(HTML) 8 Page - Murata Power Solutions Inc.

Back Button ADS-932 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 8Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 9Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 10Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ADS-932
®
®
8
Complementary Offset Binary
1
Offset Binary
0
Complementary Two’s Complement
1
(Using MSB, pin 29)
Two’s Complement
0
(Using MSB, pin 29)
Straight Binary
1
Complimentary Binary
0
OUTPUT FORMAT
PIN 35 LOGIC LEVEL
Table 2a. Setting Output Coding Selection (Pin 35)
Table 2b. Output Coding
1111
1111
1111
1111
LSB "1" to "0"
1110
0000
0000
0000
1100
0000
0000
0000
1000
0000
0000
0000
0111
1111
1111
1111
0100
0000
0000
0000
0010
0000
0000
0000
0000
0000
0000
0001
LSB "0" to "1"
0000
0000
0000
0000
MSB
LSB
MSB
LSB
+FS –1 LSB
+FS –1 1/2 LSB
+3/4 FS
+1/2 FS
0
–1 LSB
–1/2 FS
–3/4 FS
–FS +1 LSB
–FS + 1/2 LSB
–FS
STRAIGHT BINARY
INPUT
RANGE
±2.75V
+2.749916
+2.749874
+2.062500
+1.375000
0.000000
–0.000084
–1.375000
–2.062500
–2.749916
–2.749958
–2.750000
0000
0000
0000
0000
LSB "0" to "1"
0001
1111
1111
1111
0011
1111
1111
1111
0111
1111
1111
1111
1000
000
000
0000
1011
1111
1111
1111
1101
1111
1111
1111
1111
1111
1111
1110
LSB "1" to "0"
1111
1111
1111
1111
0111
1111
1111
1111
LSB "1" to "0"
0110
0000
0000
0000
0100
0000
0000
0000
0000
0000
0000
0000
1111
1111
1111
1111
1100
0000
0000
0000
1010
0000
0000
0000
1000
0000
0000
0001
LSB "0" to "1"
1000
0000
0000
0000
1000
0000
0000
0000
LSB "0" to "1"
1001
1111
1111
1111
1011
1111
1111
1111
1111
1111
1111
1111
0000
0000
0000
0000
0011
1111
1111
1111
0101
1111
1111
1111
0111
1111
1111
1110
LSB "1" to "0"
0111
1111
1111
1111
BIPOLAR
SCALE
INPUT
RANGE
0 to –5.5V
UNIPOLAR
SCALE
–5.499916
–5.499874
–4.812500
–4.125000
–2.750000
–2.749958
–1.375000
–0.687500
–0.000084
–0.000042
0.000000
–FS+1 LSB
–FS +1 1/2 LSB
–7/8 FS
–3/4 FS
–1/2 FS
–1/2FS–1/2LSB
–1/4 FS
–1/8 FS
–1 LSB
–1/2 LSB
0
MSB
LSB
MSB
LSB
OUTPUT CODING
COMP. BINARY
COMP. OFF. BIN.
OFFSET BINARY
TWO'S COMP.
COMP. TWO'S COMP.
0 to –5.5V
Pin 3
Pin 1 To Pin 2
±2.75V
Pin 3
Pin 2 is No Connect
Input Range
Input Pin
Connect
Table 3. Input Connections


Podobny numer części - ADS-932

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
ADS-932MC ETC1-ADS-932MC Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-932MC DATEL-ADS-932MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-932MC-C DATEL-ADS-932MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-932ME DATEL-ADS-932ME Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-932

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com