Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-935MM Arkusz danych(PDF) 3 Page - Murata Power Solutions Inc.

Numer części ADS-935MM
Szczegółowy opis  16-Bit, 5MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-935MM Arkusz danych(HTML) 3 Page - Murata Power Solutions Inc.

  ADS-935MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-935MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-935MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-935MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-935MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-935MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-935MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-935MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
www.cd4power.com
+25°C
0 TO +70°C
–55 TO +125°C
DYNAMIC PERFORMANCE (Cont.)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
ANALOG OUTPUT
Internal Reference
Voltage
+3.2
+3.2
+3.2
Volts
Drift
±30
±30
±30
ppm/°C
External Current
5
5
5
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+2.4
+2.4
+2.4
Volts
Logic "0"
+0.4
+0.4
+0.4
Volts
Logic Loading "1"
–4
–4
–4
mA
Logic Loading "0"
+4
+4
+4
mA
Output Coding
(Offset) Binary / Complementary (Offset) Binary / Two's Complement / Complementary Two's Complement
POWER REQUIREMENTS
Power Supply Ranges
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.9
+5.0
+5.25
Volts
–5V Supply
–4.75
–5.0
–5.25
–4.75
–5.0
–5.25
–4.9
–5.0
–5.25
Volts
+12V Supply
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
Volts
–12V Supply
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
Volts
+15V Supply
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
Volts
–15V Supply
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
Volts
Power Supply Currents
+5V Supply
+200
+220
+220
mA
–5V Supply
–100
–150
–150
mA
–12/15V Supply
–65
–65
mA
+12/15V Supply
+85
+85
mA
Power Dissipation
2.85
3.1
2.85
3.5
2.85
3.5
Watts
Power Supply Rejection
±0.07
±0.07
±0.07
%FSR/%V
Footnotes:
Effective bits is equal to:
All power supplies must be on before applying a start convert pulse. All
supplies and the clock (START CONVERT) must be present during warm-up
periods. The device must be continuously converting during this time.
When COMP. BITS (pin 35) is low, logic loading "0" will be –350μA.
A 5MHz clock with a 50nsec positive pulse width is used for all production
testing. See Timing Diagram for more details.
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
This is the time required before the A/D output data is valid once the analog
input is back within the specified range.
See table 2a, Setting Output Coding Selection.
The minimum supply voltages of +4.9V and –4.9V for ±VDD are required for
–55°C operation only. The minimum limits are +4.75V and –4.75V when
operating at +125°C.
±12V only or ±15V only required.
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-935
requires careful attention to pc-card layout and power supply
decoupling. The device's analog and digital ground systems
are connected to each other internally. For optimal perfor-
mance, tie all ground pins (4, 7, 30 and 36) directly to a large
analog ground plane beneath the package.
For the best performance it is recommended to use a single
power source for both the +5V analog and +5V digital supplies.
Bypass all power supplies and the +3.2V reference output to
ground with 4.7μF tantalum capacitors in parallel with 0.1μF
ceramic capacitors. Locate the bypass capacitors as close to
the unit as possible.
2. The ADS-935 achieves its specified accuracies without the
need for external calibration. If required, the device's small
initial offset and gain errors can be reduced to zero using
the adjustment circuitry shown in Figure 2. When using this
circuitry, or any similar offset and gain calibration hardware,
make adjustments following warm-up. To avoid interaction,
always adjust offset before gain. Tie pins 5 and 6 to ANALOG
GROUND (pin 4) if not using offset and gain adjust circuits.
3. Pin 35 (COMP. BITS) is used to select the digital output
coding format of the ADS-935. See Tables 2a and 2b.
When this pin has a TTL logic "0" applied, it complements all
of the ADS-935’s digital outputs.
When pin 35 has a logic "1" applied, the output coding is
complementary (offset) binary. Applying a logic "0" to pin 35
changes the coding to (offset) binary. Using the MSB output
(pin 29) instead of the MSB output (pin 28) changes the
respective output codings to complementary two's
complement and two's complement.
Pin 35 is TTL compatible and can be directly driven with
digital logic in applications requiring dynamic control over
its function. There is an internal pull-up resistor on pin 35
allowing it to be either connected to +5V or left open when a
logic "1" is required.
4. To enable the three-state outputs, connect OUTPUT
ENABLE (pin 34) to a logic "0" (low). To disable, connect pin
34 to a logic "1" (high).


Podobny numer części - ADS-935MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADS-935MM DATEL-ADS-935MM Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-935MM-C DATEL-ADS-935MM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-935MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
ADS-118 MURATA-PS-ADS-118 Datasheet
181Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com