Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-937MC Arkusz danych(PDF) 3 Page - Murata Power Solutions Inc.

Numer części ADS-937MC
Szczegółowy opis  16-Bit, 1MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-937MC Arkusz danych(HTML) 3 Page - Murata Power Solutions Inc.

  ADS-937MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-937MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-937MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-937MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-937MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-937MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-937MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-937MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3. Applying a start convert pulse while a conversion is in
progress (EOC = logic "1") will initiate a new and inaccurate
conversion cycle. Data for the interrupted and subsequent
conversions will be invalid.
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of 0 to
+70°C and –55 to +125°C. All room-temperature (TA = +25°C)
production testing is performed without the use of heat sinks or
forced-air cooling. Thermal impedance figures for each device
are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should be
used to ensure devices do not overheat. The ground and power
planes beneath the package, as well as all pcb signal runs to
and from the device, should be as heavy as possible to help
conduct heat away from the package. Electrically-insulating,
thermally-conductive "pads" may be installed underneath the
package. Devices should be soldered to boards rather than
"socketed", and of course, minimal air flow over the surface can
greatly help reduce the package temperature.
+25°C
0 TO +70°C
–55 TO +125°C
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
ANALOG OUTPUT
Internal Reference
Voltage
+4.95
+5.0
+5.05
+4.95
+5.0
+5.05
+4.95
+5.0
+5.05
Volts
Drift
±30
±30
±30
ppm/°C
External Current
1
1
1
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+2.4
+2.4
+2.4
Volts
Logic "0"
+0.4
+0.4
+0.4
Volts
Logic Loading "1"
–4
–4
–4
mA
Logic Loading "0"
+4
+4
+4
mA
Output Coding
(Offset) Binary / Complementary (Offset) Binary
POWER REQUIREMENTS
Power Supply Ranges
+15V Supply
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
Volts
–15V Supply
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
–5V Supply
–4.75
–5.0
–5.25
–4.75
–5.0
–5.25
–4.75
–5.0
–5.25
Volts
Power Supply Currents
+15V Supply
+7
+9
+7
+9
+7
+9
mA
–15V Supply
–8
-10
-8
-10
-8
-10
mA
+5V Supply
+133
+145
+133
+145
+133
+145
mA
-5V Supply
-72
-80
-72
-80
-72
-80
mA
Power Dissipation
1.25
1.35
1.25
1.35
1.25
1.35
Watts
Power Supply Rejection
±0.01
±0.01
±0.01
%FSR/%V
Footnotes:
All power supplies must be on before applying a start convert pulse. All
supplies and the clock (START CONVERT) must be present during warm-up
periods. The device must be continuously converting during this time.
Contact Murata-PS for other input voltage ranges.
A 1MHz clock with a 500nsec positive pulse width (50% duty cycle) is used
for all production testing. Any duty cycle may be used as long as a minimum
positive pulse width of 20nsec is maintained. For applications requiring lower
sampling rates, clock frequencies less than 1MHz may be used.
This is the time required before the A/D output data is valid once the analog
input is back within the specified range.
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-937
requires careful attention to pc-card layout and power supply decou-
pling. The device's ground pins are not connected to each other
internally. For optimal performance, tie all ground pins (2, 12 and 13)
directly to a large analog ground plane beneath the package.
The device's +5V supply pins are not connected to each other inter-
nally and should be connected to a clean analog +5V supply.
Bypass all power supplies and the +5V REFERENCE
OUTPUT (pin 5) to ground with 4.7μF tantalum capacitors in
parallel with 0.1μF ceramic capacitors. Locate the bypass
capacitors as close to the unit as possible. Tie a 47μF
capacitor between COMPENSATION (pin 7) and ground
(See figure 2.).
2. The ADS-937 achieves its specified accuracies without the
need for external calibration. If required, the device's small
initial offset and gain errors can be reduced to zero using
the adjustment circuitry shown in Figure 2. When using this
circuitry, or any similar offset and gain calibration hardware,
make adjustments following warm-up. To avoid interaction,
always adjust offset before gain. Float pins 4 and 6 if not
using offset and gain adjust circuits.
Effective bits is equal to:
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
MDA_ADS-937.A01 Page 3 of 8
ADS-937
16-Bit, 1MHz Sampling A/D Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Podobny numer części - ADS-937MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-937MC ETC-ADS-937MC Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-937MC DATEL-ADS-937MC Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-937MC-C DATEL-ADS-937MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-937MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com