Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-939MM Arkusz danych(PDF) 1 Page - Murata Power Solutions Inc.

Numer części ADS-939MM
Szczegółowy opis  16-Bit, 10MHz Sampling A/D Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-939MM Arkusz danych(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-939MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-939MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-939MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-939MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-939MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-939MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-939MM Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
GENERAL DESCRIPTION
The ADS-939 is a 16-bit, 10MHz sampling A/D converter. This device
accurately samples full-scale input signals up to Nyquist frequencies with
no missing codes. The dynamic performance of the ADS-939 has been
optimized to achieve a signal-to-noise ratio (SNR) of 82dB and a total
harmonic distortion (THD) of –86dB.
Packaged in a 40-pin TDIP, the functionally complete ADS-939 contains a
fast-settling sample-hold amplifier, a subranging (two-pass) A/D converter,
an internal reference, timing/control logic, and error-correction circuitry.
Digital input and output levels are TTL. The ADS-939 only requires the
rising edge of the start convert pulse to operate.
Requiring ±5V supplies and either ±12v or ±15V supplies the ADS-939
dissipates 3.0 Watts. The device is offered with a bipolar (±2.75V) or a
unipolar (0 to –5.5V) analog input range. Models are available for use
in either commercial (0 to +70°C) or military (–55 to +125°C) operating
temperature ranges. A proprietary, auto-calibrating, error-correcting circuit
enables the device to achieve specified performance over the full military
temperature range. Typical applications include medical imaging, radar,
sonar, communications and instrumentation.
INPUT/OUTPUT CONNECTIONS
Figure 1. ADS-939 Functional Block Diagram
29 BIT 1 (MSB)
28 BIT 1 (MSB)
27 BIT 2
26 BIT 3
25 BIT 4
24 BIT 5
23 BIT 6
22 BIT 7
21 BIT 8
20 BIT 9
19 BIT 10
18 BIT 11
17 BIT 12
16 BIT 13
15 BIT 14
14 BIT 15
13 BIT 16 (LSB)
TIMING AND
CONTROL LOGIC
GAIN ADJUST 6
+3.2V REF. OUT 1
OFFSET ADJUST 5
EOC 32
+5V ANALOG SUPPLY
38
+5V DIGITAL SUPPLY
31
–5V SUPPLY
37
ANALOG GROUND
2, 4, 36
DIGITAL GROUND
7, 30
NO CONNECTION
39, 40
POWER AND GROUNDING
S/H
GAIN
ADJUST
CKT.
OFFSET
ADJUST
CKT.
PRECISION
+3.2V REFERENCE
ANALOG INPUT 3
START CONVERT 12
COMP. BITS 35
10 FSTAT1
11 FSTAT2
8 FIFO/DIR
9 FIFO/READ
34 OUTPUT ENABLE
33 OVERFLOW
POWER AND GROUNDING
+5V ANALOG SUPPLY
38
+5V DIGITAL SUPPLY
31
–5V SUPPLY
37
ANALOG GROUND
4, 36
DIGITAL GROUND
7, 30
–12/–15V ANALOG SUPPLY
39
+12/+15V ANALOG SUPPLY
40
UNIPOLAR 2
PIN
FUNCTION
PIN
FUNCTION
1
+3.2V REF. OUT
40
+12V/+15V
2
UNIPOLAR
39
–12V/–15V
3
ANALOG INPUT
38
+5V ANALOG SUPPLY
4
ANALOG GROUND
37
–5V SUPPLY
5
OFFSET ADJUST
36
ANALOG GROUND
6
GAIN ADJUST
35
COMP. BITS
7
DIGITAL GROUND
34
OUTPUT ENABLE
8
NC
33
OVERFLOW
9
NC
32
EOC
10
NC
31
+5V DIGITAL SUPPLY
11
NC
30
DIGITAL GROUND
12
START CONVERT
29
BIT 1 (MSB)
13
BIT 16 (LSB)
28
BIT 1 (MSB)
14
BIT 15
27
BIT 2
15
BIT 14
26
BIT 3
16
BIT 13
25
BIT 4
17
BIT 12
24
BIT 5
18
BIT 11
23
BIT 6
19
BIT 10
22
BIT 7
20
BIT 9
21
BIT 8
PRELIMINARY DATA
FEATURES
16-bit resolution
10MHz sampling rate
Functionally complete
No missing codes over full military temperature range
Edge-triggered
±5V, ±12V or ±15V supplies, 1.5 Watts
Small, 40-pin, ceramic TDIP
82dB SNR, –86dB THD
Ideal for both time and frequency-domain applications
MDA_ADS-939.A01 Page 1 of 7
ADS-939
16-Bit, 10MHz Sampling A/D Converters
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000


Podobny numer części - ADS-939MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADS-939MM DATEL-ADS-939MM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-939MM-C DATEL-ADS-939MM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-939MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com