Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-947MC Arkusz danych(PDF) 1 Page - Murata Power Solutions Inc.

Numer części ADS-947MC
Szczegółowy opis  14-Bit, 10MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-947MC Arkusz danych(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-947MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-947MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Figure 1. ADS-947 Functional Block Diagram
FEATURES
• 14-bit resolution
• 10MHz minimum sampling rate
• No missing codes
• Ideal for both time and frequency-domain applications
• Excellent THD (–81dB) and SNR (76dB)
• Edge-triggered
• Small, 24-pin, ceramic DDIP or SMT
• Requires only +5V and –5.2V supplies
• Low-power, 2 Watts
GENERAL DESCRIPTION
The ADS-947 is a 14-bit, 10MHz sampling A/D converter.
This device accurately samples full-scale input signals up to
Nyquist frequencies with no missing codes. Excellent
differential nonlinearity error (DNL), signal-to-noise ratio
(SNR), and total harmonic distortion (THD) make the ADS-
947 the ideal choice for both time-domain (CCD/FPA
imaging, scanners, process control) and frequency-domain
(radar, telecommunications, spectrum analysis) applications.
The functionally complete ADS-947 contains a fast-settling
sample/hold amplifier, a subranging (two-pass) A/D converter,
an internal reference, timing/control logic, and error-correction
circuitry. Digital input and output levels are TTL. The ADS-947
only requires the rising edge of a start convert pulse to
operate.
Requiring only +5V and –5.2V supplies, the ADS-947 typically
dissipates just 2 Watts. The device is offered with a bipolar
input range of ±2V. Models are available for use in either
commercial (0 to +70°C) or extended (–40 to +100°C)
®®
operating temperature ranges. A proprietary, auto-calibrating,
error-correcting circuit allows the device to achieve specified
performance over the extended temperature range.
INPUT/OUTPUT CONNECTIONS
PRELIMINARY PRODUCT DATA
REF
DAC
16 BIT 14 (LSB)
15 BIT 13
12 BIT 12
11 BIT 11
10 BIT 10
9
BIT 9
8
BIT 8
7
BIT 7
6
BIT 6
5
BIT 5
4
BIT 4
3
BIT 3
2
BIT 2
1
BIT 1 (MSB)
TIMING AND
CONTROL LOGIC
OFFSET ADJUST 23
ANALOG INPUT 21
START CONVERT 18
DATA VALID 17
+5V ANALOG SUPPLY
22
+5V DIGITAL SUPPLY
13
–5.2V SUPPLY
20
ANALOG GROUND
19, 24
DIGITAL GROUND
14
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
POWER AND GROUNDING
S
AMP
PIN
FUNCTION
PIN
FUNCTION
1
BIT 1 (MSB)
24
ANALOG GROUND
2
BIT 2
23
OFFSET ADJUST
3
BIT 3
22
+5V ANALOG SUPPLY
4
BIT 4
21
ANALOG INPUT
5
BIT 5
20
–5.2V SUPPLY
6
BIT 6
19
ANALOG GROUND
7
BIT 7
18
START CONVERT
8
BIT 8
17
DATA VALID
9
BIT 9
16
BIT 14 (LSB)
10
BIT 10
15
BIT 13
11
BIT 11
14
DIGITAL GROUND
12
BIT 12
13
+5V DIGITAL SUPPLY
ADS-947
14-Bit, 10MHz
Sampling A/D Converters
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508) 339-3000, (800) 233-2765 Fax: (508) 339-6356 • Email: sales@datel.com • Internet: www.datel.com


Podobny numer części - ADS-947MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-947MC ETC-ADS-947MC Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-947MC DATEL-ADS-947MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-947MC-C DATEL-ADS-947MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-947MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com