Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-949MM Arkusz danych(PDF) 8 Page - Murata Power Solutions Inc.

Numer części ADS-949MM
Szczegółowy opis  14 Bit, 12.8MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-949MM Arkusz danych(HTML) 8 Page - Murata Power Solutions Inc.

  ADS-949MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-949MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-949MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-949MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-949MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-949MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-949MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-949MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MDC_ADS-949.B01 Page 8 of 8
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
ADS 949
14 Bit, 12.8MHz
Sampling A/D Converters
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com
email: sales@murata-ps.com
ISO 9001 REGISTERED
3/14/08
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not
imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change
without notice.
© 2008 Murata Power Solutions, Inc.
USA:
Tucson (AZ), Tel: (800) 547 2537, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Receptacles for PC board mounting can be ordered through AMP, inc., Part # 3-331272-8 (Component Lead Socket),
32 required. For MiL-STD-883 product specifcation, contact Murata Power Solutions.
MECHANICAL DIMENSIONS
INCHES (mm)
1.62 MAX.
(41.15)
0.92 MAX.
(23.37)
0.018 TYP.
(0.46)
1.50 TYP
(38.10)
0.100 TYP.
(2.54)
0.05 TYP.
(1.27)
0.175 TYP
(4.45)
0.05 TYP.
(1.27)
0.220 TYP.
(6.86)
0.90 TYP.
(22.86)
0.010 TYP.
(0.254)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar Alloy
Lead Finish: 50 microinches (minimum)
gold plating over 100 microinches
(nominal) nickel plating
PIN 1 INDEX
0.05 TYP.
(1.27)
SEATING PLANE
OPERATING
32-PIN
MODEL
TEMP. RANGE
PACKAGE
ADS-949MC
0 to +70°C
TDiP
ADS-949MM
–55 to +125°C
TDiP
ADS-949/883
–55 to +125°C
TDiP
ADS-949GC
0 to +70°C
SMT
ADS-949GM
–55 to +125°C
SMT
ORDERING INFORMATION
ACCESSORIES
ADS-B949
Evaluation Board (without ADS-949)
HS-32
Heat sink for ADS-949 TDiP models


Podobny numer części - ADS-949MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADS-949MC DATEL-ADS-949MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-949MC-C DATEL-ADS-949MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-949MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-946 MURATA-PS-ADS-946 Datasheet
138Kb / 8P
   14-Bit, 8MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com