Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-951ME Arkusz danych(PDF) 1 Page - Murata Power Solutions Inc.

Numer części ADS-951ME
Szczegółowy opis  18-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-951ME Arkusz danych(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-951ME Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-951ME Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-951ME Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-951ME Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-951ME Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-951ME Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
••••• 18-bit resolution
••••• 1MHz minimum sampling rate
••••• No missing codes over extended temperature range
••••• Very low power, 1.45 Watts
••••• Small, 32-pin, side-brazed, ceramic TDIP
••••• Edge-triggered
••••• Excellent performance
••••• Ideal for both time and frequency-domain applications
••••• Low cost
operating temperature ranges. A proprietary, auto-calibrating,
error-correcting circuit enables the device to achieve speci-
fied performance over the full military temperature range.
PRELIMINARY PRODUCT DATA
ADS-951
18-Bit, 1MHz, Low-Power
Sampling A/D Converters
GENERAL DESCRIPTION
The ADS-951 is an 18-bit, 1MHz sampling A/D converter. This
device accurately samples full-scale input signals up to
Nyquist frequencies with no missing codes. This feature,
combined with excellent signal-to-noise ratio (SNR) and total
harmonic distortion (THD), makes the ADS-951 the ideal
choice for both time-domain (medical imaging, scanners,
process control) and frequency-domain (radar, telecommunica-
tions, spectrum analysis) applications.
Packaged in a 32-pin, side-brazed, metal-sealed, ceramic
TDIP, the functionally complete ADS-951 contains a fast-
settling sample-hold amplifier, a subranging (two-pass) A/D
converter, an internal reference, timing/control logic, and error-
correction circuitry. Digital input and output levels are TTL, and
the ADS-951 only requires the rising edge of the start convert
pulse to operate.
Requiring ±15V and ±5V supplies, the ADS-951 typically
dissipates 1.45 Watts. The device is offered with a bipolar
(±5V) analog input range. Models are available for use in
either commercial (0 to +70°C) or extended (–40 to +110°C)
INPUT/OUTPUT CONNECTIONS
Figure 1. ADS-951 Functional Block Diagram
1
BIT 2
32
BIT 3
2
BIT 1 (MSB)
31
BIT 4
3
ANALOG GROUND
30
BIT 5
4
ANALOG INPUT
29
BIT 6
5
+5V REFERENCE OUT
28
BIT 7
6
GAIN ADJUST
27
BIT 8
7
COMPENSATION
26
BIT 9
8
–15V SUPPLY
25
BIT 10
9
+15V SUPPLY
24
BIT 11
10
+5V ANALOG SUPPLY
23
BIT 12
11
–5V ANALOG SUPPLY
22
BIT 13
12
ANALOG GROUND
21
BIT 14
13
DIGITAL GROUND
20
BIT 15
14
+5V DIGITAL SUPPLY
19
BIT 16
15
EOC
18
BIT 17
16
START CONVERT
17
BIT 18 (LSB)
PIN
FUNCTION
PIN
FUNCTION
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508) 339-3000, (800) 233-2765 Fax: (508) 339-6356 • Email: sales@datel.com • Internet: www.datel.com
®®
REF
DAC
2
BIT 1 (MSB)
1
BIT 2
32 BIT 3
31 BIT 4
30 BIT 5
29 BIT 6
28 BIT 7
27 BIT 8
26 BIT 9
25 BIT 10
24 BIT 11
23 BIT 12
22 BIT 13
21 BIT 14
20 BIT 15
19 BIT 16
18 BIT 17
17 BIT 18 (LSB)
TIMING AND
CONTROL LOGIC
ANALOG INPUT 4
START CONVERT 16
EOC 15
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
5
AMP
GAIN
CIRCUIT
COMPENSATION 7
+5V REFERENCE OUT 5
10
+5V ANALOG
SUPPLY
11
–5V ANALOG
SUPPLY
3, 12
ANALOG
GROUND
14
+5V DIGITAL
SUPPLY
9
+15V
SUPPLY
8
–15V
SUPPLY
13
DIGITAL
GROUND
GAIN ADJUST 6


Podobny numer części - ADS-951ME

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-951ME ETC2-ADS-951ME Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-951ME DATEL-ADS-951ME Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-951ME-C DATEL-ADS-951ME-C Datasheet
107Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-951ME

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
List of Unclassifed Man...
ADS953 ETC-ADS953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com