Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-949GC Arkusz danych(PDF) 2 Page - Murata Power Solutions Inc.

Numer części ADS-949GC
Szczegółowy opis  14 Bit, 12.8MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-949GC Arkusz danych(HTML) 2 Page - Murata Power Solutions Inc.

  ADS-949GC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-949GC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-949GC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-949GC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-949GC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-949GC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-949GC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-949GC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MDC_ADS-949.B01 Page 2 of 8
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
ADS 949
14 Bit, 12.8MHz
Sampling A/D Converters
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Bipolar Input Voltage Range ➁
±1
±2.5
±1
±2.5
±1
±2.5
Volts
Unipolar Input Voltage Range ➁
0 to 2
0 to 5
0 to 2
0 to 5
0 to 2
0 to 5
Volts
Input Resistance (Vin A)
400
400
400
Input Capacitance
6
15
6
15
6
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
+2.0
+2.0
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+20
+20
+20
µA
Logic Loading "0"
–20
–20
–20
µA
Start Convert Positive Pulse Width ➂
50
50
50
ns
STATIC PERFORMANCE
Resolution
14
14
14
Bits
Integral Nonlinearity
±0.75
±0.75
±1
LSB
Differential Nonlinearity (fin = 10kHz)
–0.95
±0.5
+1.25
–0.95
±0.5
+1.25
–0.95
±0.5
+1.5
LSB
Full Scale Absolute Accuracy
±0.15
±0.4
±0.15
±0.4
±0.4
±0.8
%FSR
Bipolar Zero Error (Tech Note 2)
±0.1
±0.3
±0.1
±0.3
±0.3
±0.6
%FSR
Gain Error (Tech Note 2)
±0.2
±0.4
±0.2
±0.4
±0.4
±1.5
%
No Missing Codes (fin = 10kHz)
14
14
14
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 1MHz
–83
–76
–83
–75
–79
–71
dB
1MHz to 2.5MHz
–78
–72
–78
–72
–73
–68
dB
2.5MHz to 5MHz
–76
–71
–76
–71
–71
–65
dB
Total Harmonic Distortion (–0.5dB)
dc to 1MHz
–81
–74
–81
–74
–77
–70
dB
1MHz to 2.5MHz
–76
–71
–76
–71
–72
–66
dB
2.5MHz to 5MHz
–74
–69
–74
–69
–69
–63
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 1MHz
72
78
72
78
70
78
dB
1MHz to 2.5MHz
72
77
72
77
70
77
dB
2.5MHz to 5MHz
72
76
72
76
70
76
dB
Signal-to-Noise Ratio ➃
(& distortion, –0.5dB)
dc to 1MHz
70
77
70
74
68
73
dB
1MHz to 2.5MHz
70
74
70
74
66
71
dB
2.5MHz to 5MHz
69
73
69
73
65
70
dB
Noise
150
150
150
µVrms
Two-tone Intermodulation
Distortion (fin = 2.45MHz,
1.975MHz, fs = 10MHz, –0.5dB)
–82
–82
–82
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
30
30
30
MHz
Large Signal (–0.5dB input)
20
20
20
MHz
Feedthrough Rejection (fin = 5MHz)
85
85
85
dB
Slew Rate
±400
±400
±400
V/µs
Aperture Delay Time
+5
+5
+5
ns
Aperture Uncertainty
2
2
2
ps rms
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, +VDD = +5V, –VDD = –5V, +Vcc = +15V, 12.8MHz sampling rate, ±2.5V input range, and a minimum 3 minute warmup ➀ unless otherwise specified.)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply (Pins 27, 30)
0 to +6
Volts
+15V Supply (Pin 28)
0 to +16
Volts
–5V Supply (Pin 3)
0 to –5.5V
Volts
Digital Input (Pin 7)
–0.3 to +VDD +0.3
Volts
Analog Input (Pins 1, 2)
±5
Volts
Lead Temperature (10 seconds)
+300
°C
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-949MC, GC
0
+70
°C
ADS-949MM, GM,
–55
+125
°C
Thermal Impedance
θjc
6
°C/Watt
θca
23
°C/Watt
Storage Temperature Range
–65
+150
°C
Package Type
32-pin, side-brazed, ceramic TDIP or SMT
Weight
0.46 ounces (13 grams)
PHYSICAL/ENVIRONMENTAL


Podobny numer części - ADS-949GC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADS-949GC DATEL-ADS-949GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-949GC-C DATEL-ADS-949GC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-949GC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-946 MURATA-PS-ADS-946 Datasheet
138Kb / 8P
   14-Bit, 8MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com