Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-CCD1201MM Arkusz danych(PDF) 2 Page - Murata Power Solutions Inc.

Numer części ADS-CCD1201MM
Szczegółowy opis  12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-CCD1201MM Arkusz danych(HTML) 2 Page - Murata Power Solutions Inc.

  ADS-CCD1201MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-CCD1201MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADS-CCD1201
®
®
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±Vcc = ±15V (or ±12V), +VDD = +5V, 1.2MHz sampling rate, and a minimum 1 minute warmup
➀ unless otherwise specified.)
+25°C
0 to +70°C
–55 to +125° C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
0 to +10
0 to +10
0 to +10
Volts
Input Resistance
—1
1
1
k
Ω
Input Capacitance
7
15
7
15
7
15
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+2.0
+2.0
+2.0
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+20
+20
+20
µA
Logic Loading "0"
–20
–20
–20
µA
Start Convert Positive Pulse Width
100
100
100
ns
STATIC PERFORMANCE
Resolution
12
12
12
Bits
Integral Nonlinearity (fin = 10kHz)
±0.5
±0.5
±1
LSB
Differential Nonlinearity (fin = 10kHz)
+0.25
±0.35
±0.25
±0.35
±0.35
±0.75
LSB
Full Scale Absolute Accuracy
+0.1
±0.3
±0.2
±0.5
±0.3
±0.5
%FSR
Offset Error (Tech Note 2)
±0.05
±0.15
±0.1
±0.15
±0.15
±0.4
%FSR
Gain Error (Tech Note 2)
±0.1
±0.3
±0.2
±0.5
±0.3
±0.5
%
No Missing Codes (fin = 10kHz)
12
12
12
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 100kHz
–86
–80
–86
–80
–82
–76
dB
100kHz to 500kHz
–84
–78
–84
–78
–81
–75
dB
Total Harmonic Distortion (–0.5dB)
dc to 100kHz
–84
–79
–84
–79
–77
–71
dB
100kHz to 500kHz
–82
–77
–82
–77
–76
–70
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 100kHz
72
73
72
73
70
72
dB
100kHz to 500kHz
71
72
71
72
70
72
dB
Signal-to-Noise Ratio
(8 distortion, –0.5dB)
dc to 100kHz
71
73
71
73
68
71
dB
100kHz to 500kHz
71
72
71
72
68
71
dB
Two-tone Intermodulation Distortion
(fin = 100kHz, 240kHz
fs = 1.2MHz, –0.5dB)
–85
–84
–83
dB
Noise
400
500
700
µVrms
Input Bandwidth (–3dB)
Small Signal (–20dB input)
7.5
7.5
7.5
MHz
Large Signal(–0.5dB input)
6
6
6
MHz
Feedthrough Rejection
(fin = 500kHz)
84
84
84
dB
Slew Rate
±60
±60
±60
V/µs
Aperture Delay Time
±20
±20
±20
ns
Aperture Uncertainty
5
5
5
ps rms
S/H Acquisition Time
( to ±0.01%FSR, 10V step)
360
400
440
360
400
440
360
400
440
ns
Overvoltage RecoveryTime
400
833
400
833
400
833
ns
A/D Conversion Rate
1.2
1.2
1.2
MHz
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+12V/+15V Supply (Pin 22)
0 to +16
Volts
–12V/–15V Supply (Pin 24)
0 to –16
Volts
+5V Supply (Pin 13)
0 to +6
Volts
Digital Input (Pin 16)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 20)
–4 to +17
Volts
Lead Temp. (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
OperatingTemp. Range, Case
ADS-CCD1201MC
0
+70
°C
ADS-CCD1201MM
–55
+125
°C
Thermal Impedance
θjc
5
°C/Watt
θca
24
°C/Watt
StorageTemperature Range
–65
+150
°C
PackageType
24-pin, metal-sealed ceramic DDIP
Weight
0.42 ounces (12 grams)
2.


Podobny numer części - ADS-CCD1201MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&D Technologies
ADS-CCD1201MM CANDD-ADS-CCD1201MM Datasheet
374Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
DATEL, Inc.
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Podobny opis - ADS-CCD1201MM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
C&D Technologies
ADS-CCD1201 CANDD-ADS-CCD1201 Datasheet
374Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
Murata Power Solutions ...
ADS-CCD1202 MURATA-PS-ADS-CCD1202 Datasheet
309Kb / 8P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202 DATEL-ADS-CCD1202 Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com