Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4S4S4ME4 Arkusz danych(PDF) 8 Page - XP Power Limited

Numer części M4S4S4ME4
Szczegółowy opis  AC-DC Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo XPPOWER - XP Power Limited

M4S4S4ME4 Arkusz danych(HTML) 8 Page - XP Power Limited

Back Button M4S4S4ME4 Datasheet HTML 2Page - XP Power Limited M4S4S4ME4 Datasheet HTML 3Page - XP Power Limited M4S4S4ME4 Datasheet HTML 4Page - XP Power Limited M4S4S4ME4 Datasheet HTML 5Page - XP Power Limited M4S4S4ME4 Datasheet HTML 6Page - XP Power Limited M4S4S4ME4 Datasheet HTML 7Page - XP Power Limited M4S4S4ME4 Datasheet HTML 8Page - XP Power Limited M4S4S4ME4 Datasheet HTML 9Page - XP Power Limited M4S4S4ME4 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ME4 Fan Assembly (M Models Only)
1.50
(38.1)
6.00 (152.4)
1.56
(39.7)
0.75
(19.1)
3.50
(88.9)
2.50
(63.5)
1.50
(38.1)
6.00 (152.4)
0.75
(19.1)
AC INPUT
3 POSITION TERMINAL BLOCK
POWER SUPPLY
OUTPUT TERMINATION AREA
11.25 (285.8)
5.00
(127.0)
2X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
4X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
M3-0.5 THD
ADDITIONAL MTG. HOLE IF REQUIRED
0.15 (3.8) MAX. SCREW PENETRATION
9.30 (236.2)
L
N
GND
AIRFLOW
LP & LP-MD
Mechanical Details 250/350 Watt M3 & M4
Notes
1.
Supplies are SEMI F47 at highline input (180-264) at 100% rated output power. Certification details available on request.
2.
Mating connector kit available. Order part number LP CONN KIT.
3.
Dimensions in inches (mm).
ME3 Fan Assembly (M Models Only)
1.50
(38.1)
5.50 (139.7)
1.56
(39.7)
0.75
(19.1)
3.50
(88.9)
2.50
(63.5)
1.50
(38.1)
5.50 (139.7)
0.75
(19.1)
AC INPUT
3 POSITION TERMINAL BLOCK
POWER SUPPLY
OUTPUT TERMINATION AREA
10.25 (260.4)
5.00
(127.0)
2X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
4X M4-0.7 THD
0.15 (3.8) MAX. SCREW PENETRATION
M3-0.5 THD
ADDITIONAL MTG. HOLE IF REQUIRED
0.15 (3.8) MAX. SCREW PENETRATION
8.30 (210.8)
L
N
GND
AIRFLOW
Weight: 2.00 lb (0.91 kg) approx
Weight: 2.16 lb (0.98 kg) approx


Podobny numer części - M4S4S4ME4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Lectro Inc
M4S48H DBLECTRO-M4S48H Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S48HA DBLECTRO-M4S48HA Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S48HAW DBLECTRO-M4S48HAW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S48HW DBLECTRO-M4S48HW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
More results

Podobny opis - M4S4S4ME4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com