Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDC_NMK Arkusz danych(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Numer części KDC_NMK
Szczegółowy opis  3kVDC Isolated 2W Single & Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KDC_NMK Arkusz danych(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  KDC_NMK Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NMK Series
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
KDC_NMKC.C01 Page 2 of 5
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
TEMPERATURE DERATING GRAPH
TOLERANCE ENVELOPE
Output Load Current (%)
VNOM
5%
0%
-4%
2%
Typical
Load
Line
100
75
50
25
10
Output Load Current (%)
VNOM
5%
0%
-3%
1%
Typical
Load
Line
100
75
50
25
10
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NMK series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 3kVDC for 1 minute.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NMK series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NMK series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While
parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically
polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We
therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of
300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped
over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in
this series are backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs
150
100
50
0
-40
0
1
2
3
Safe Operating Area
85°C
Ambient Temperature (°C)
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
125
Case Temperature above ambient
5V output types
28
All other output types
25
Cooling
Free air convection
NMKXXXXSAC
NMKXXXXSC


Podobny numer części - KDC_NMK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
   Triple Output 3W DC/DC Converters
More results

Podobny opis - KDC_NMK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com