Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML-6425 Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części ML-6425
Szczegółowy opis  AM broadcast and industrial heating appli-cations
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

ML-6425 Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  ML-6425 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
industrialOscillator
12,500
3.5
10,000
-1,000
3.3
430
24.4
c
industrialOscillator
12,500
3.5
12,000
-1,000
3.3
430
30.6
c
platemodulatedRFamplifier(telephony)
9,000
2.5
8,500
-1,400
1.8
330
12.1
The ML-6425F and 6425F are medium-Mu triodes
used in AM broadcast and industrial heating appli-
cations. The air-cooled anodes in these tubes are
rated at 11 kilowatts.
Ml-6425/6425
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
11,000 Watts
Screen Dissipation (Max.)
N/A
Grid Dissipation (Max.)
600 Watts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
20
Filament/Cathode
Thoriated Tungsten
Voltage
7.0 Volts
Current
120 Amps
Capacitance
Grounded Cathode
Input
32 pf
Output (Max.)
3.0 pf
Cgp
26 pf
Capacitance
N/A
Input
pf
Output
pf
Feedthrough
pf
Cooling
Forced Air
Base
Special
Air Socket
N/A
Air Chimney
N/A
Boiler
N/A
Length
16.0 in; 39.3 cm
Diameter
8.125 in; 20.6 cm
Weight
50 lb; 22.68 kg


Podobny numer części - ML-6425

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
ML-6421F CPI-ML-6421F Datasheet
79Kb / 1P
   AM broadcast and industrial heating applications
ML-6422 CPI-ML-6422 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6424 CPI-ML-6424 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
More results

Podobny opis - ML-6425

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6422 CPI-ML-6422 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6424 CPI-ML-6424 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6427 CPI-ML-6427 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6421F CPI-ML-6421F Datasheet
79Kb / 1P
   AM broadcast and industrial heating applications
ML-6426 CPI-ML-6426 Datasheet
80Kb / 1P
   AM broadcast and industrial heating applications
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com