Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS352N Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74ALS352N
Szczegółowy opis  DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS352N Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ALS352N Datasheet HTML 1Page - Texas Instruments SN74ALS352N Datasheet HTML 2Page - Texas Instruments SN74ALS352N Datasheet HTML 3Page - Texas Instruments SN74ALS352N Datasheet HTML 4Page - Texas Instruments SN74ALS352N Datasheet HTML 5Page - Texas Instruments SN74ALS352N Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54ALS352, SN74ALS352
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SDAS221A – APRIL 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Inverting Versions of the ′ALS153
Permit Multiplexing From n Lines to
One Line
Perform Parallel-to-Serial Conversion
Strobe (Enable) Line Provided for
Cascading (n Lines to n Lines)
Typical Power Per Multiplexer Is 16 mW
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These
data
selectors/multiplexers
contain
inverters
and
drivers
to
supply
fully
complementary binary decoding data selection to
the AND-OR-invert gates. Separate strobe (G)
inputs are provided for each of the two 4-line
sections.
The SN54ALS352 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS352 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
STROBE
OUTPUT
SELECT
DATA
STROBE
G
OUTPUT
Y
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
H
L
LL
XX
X
L
H
L
LH
XX
X
L
L
L
HX
LX
X
L
H
L
HX
HX
X
L
L
H
LX
XL
X
L
H
H
LX
XHX
L
L
H
HX
XX
L
L
H
H
H
X
X
X
H
L
L
Select inputs A and B are common to both sections.
SN54ALS352 ...J PACKAGE
SN74ALS352 ...D OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
A
2C3
NC
2C2
2C1
1C3
1C2
NC
1C1
1C0
SN54ALS352 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
B
1C3
1C2
1C1
1C0
1Y
GND
VCC
2G
A
2C3
2C2
2C1
2C0
2Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Podobny numer części - SN74ALS352N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS352N TI1-SN74ALS352N Datasheet
349Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Podobny opis - SN74ALS352N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
   Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
SN54HC153 TI1-SN54HC153_15 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
54LS352 NSC-54LS352 Datasheet
128Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS153 NSC-54LS153 Datasheet
142Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com