Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF30A Arkusz danych(PDF) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Numer części UF30A
Szczegółowy opis  UF cores and UI cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Strona internetowa  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UF30A Arkusz danych(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UF30A Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UF30A Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF & UI Core
Features of UF cores and UI cores
UF-core and UI-core, these Soft ferrite shapes are available in lamination materials (for stacking), powdered
material (typically powdered iron), and ferrite materials. In laminated form, features of UF cores and UI cores are
similar to that of the "C" core, and can take full advantage of grain orientation while their laminated counterparts
only take about 60% to 80%. UF cores and UI cores possess excellent heat dissipation, and there is lots of room
available for lead wires, but self-shielding is poor. UF core, UI core and other “U” cores have two core legs. Coils
can be placed over either or both legs. Using coils on separate legs is great for high voltage isolation between coils.
The mean turn length of two coils on separate legs (sharing the whole winding window) is smaller than 1 coil on one
leg (occupying the whole winding window), hence the two coils connected in series has less winding resistance.
Application of UF core and UI core:
The U series core features wide distributing permeability and can be chosen and matched according to filter's
frequency. As a power ferrite, it is a good choice using in fields of ignitor and energy-saving products. UF core and
UI core may be used as “split-core” current transformers, output transformer core, line transformer core, and
Inverter core. UF core is mainly application with line filters in color TV sets; UI core: Line filters, Inverter
transformers
Dimensions (mm)
Type
A
B
C
Dmin
E
F
I
UF8.5
8.5±0.2
6.4±0.2
3.45±0.15
3.8
2.3
4.15±0.15
UF8.6
8.6±0.2
6.45±0.2
3.6±0.2
4.0
2.2±0.15
4.2±0.2
UF9.8
9.8±0.3
7.1±0.2
2.9±0.2
4.1
2.9±0.2
4.3±0.2
UF9.8A
9.8±0.3
7.1±0.2
2.7±0.2
4.1
2.8
4.25±0.2
UF10.1
10.1±0.3
7.5±0.25
2.9±0.2
3.9
2.95±0.15
4.5±0.25
UF10.5
10.5±0.3
7.8±0.4
5.0±0.2
5.2
2.4±0.2
5.3±0.3
UF10.5A
10.5±0.4
7.8±0.3
5.0±0.2
5.2
2.5
5.25±0.25
UF12
12.0±0.3
9.2±0.3
3.95±0.15
4.1
3.85
5.05±0.15
UF15A
15.0±0.3
11.4±0.3
6.4±0.2
5.4
4.7
6.5±0.2
UF15.7
15.7±0.6
9.7±0.25
6.0±0.3
6.3
4.5±0.2
6.0±0.3
UF16
16.0 +0.4
10.0±0.3
6.0±0.2
6.7
4.6±0.2
6.0±0.3


Podobny numer części - UF30A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
UF30A GULFSEMI-UF30A Datasheet
214Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
More results

Podobny opis - UF30A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PREMO CORPORATION S.L
LF1922-752 PREMO-LF1922-752 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
logo
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
   EER CORES. ETD CORES
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z Datasheet
9Kb / 1P
   EFD cores and accessories
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com