Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6135A2RTER Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6135A2RTER
Szczegółowy opis  DIRECTPATH??Stereo Headphone Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6135A2RTER Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA6135A2RTER Datasheet HTML 4Page - Texas Instruments TPA6135A2RTER Datasheet HTML 5Page - Texas Instruments TPA6135A2RTER Datasheet HTML 6Page - Texas Instruments TPA6135A2RTER Datasheet HTML 7Page - Texas Instruments TPA6135A2RTER Datasheet HTML 8Page - Texas Instruments TPA6135A2RTER Datasheet HTML 9Page - Texas Instruments TPA6135A2RTER Datasheet HTML 10Page - Texas Instruments TPA6135A2RTER Datasheet HTML 11Page - Texas Instruments TPA6135A2RTER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =10mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=3.6V
L
DD
W
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=5V
L
DD
W
P =10mWperChannel
O
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
THD+N=1%
THD+N=10%
0
5
10
15
20
25
30
35
40
45
50
R =16
L
W
THD+N=1%
THD+N=10%
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
0
5
10
15
20
25
30
35
40
45
50
R =32
L
W
1
10
40
10
100
1000
R -LoadResistance-
L
W
V
=2.5V,1% THD+N
DD
V
=3.6V,10% THD+N
DD
f=1kHz
V
=2.5V,10% THD+N
DD
V
=3.6V,1% THD+N
DD
0
5
10
15
20
25
30
10
100
200
R -LoadResistance-
L
W
THD+N=1%,
V
=3.6V
DD
HPVSSandFlyingCap=2.2 F
m
HPVSSandFlyingCap=1 F
m
HPVSSandFlyingCap=0.47 F
m
TPA6135A2
SLOS623A – FEBRUARY 2009 – REVISED APRIL 2009 .................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE vs FREQUENCY
TOTAL HARMONIC DISTORTION + NOISE vs FREQUENCY
Figure 7.
Figure 8.
OUTPUT POWER vs SUPPLY VOLTAGE
OUTPUT POWER vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
OUTPUT POWER vs LOAD RESISTANCE
OUTPUT POWER vs LOAD RESISTANCE
Figure 11.
Figure 12.
8
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6135A2


Podobny numer części - TPA6135A2RTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Podobny opis - TPA6135A2RTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com