Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA7848 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA7848
Szczegółowy opis  TV Vertical Output E/W Driver with Bus Control Support
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7848 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA7848 Datasheet HTML 1Page - Sanyo Semicon Device LA7848 Datasheet HTML 2Page - Sanyo Semicon Device LA7848 Datasheet HTML 3Page - Sanyo Semicon Device LA7848 Datasheet HTML 4Page - Sanyo Semicon Device LA7848 Datasheet HTML 5Page - Sanyo Semicon Device LA7848 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA7848
No.7877-2/6
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
+B6
30
V
Operating supply voltage range
+B6op
16 to 43
V
Deflection output current
I2p-p
To 2.2
Ap-p
EW drive current
I10
To 0.4
Ap-o
Operating Characteristics at Ta = 25
°C, +B = 30V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Deflection output saturation
voltage (lower)
Vsat2-1
I2 = 1.1A
1.5
V
Deflection output saturation
voltage (upper)
Vsat3-2
I2 = -1.1A
3.2
V
Pump-up charge saturation
voltage
Vsat7-1
I7 = 20mA
1.8
V
Pump-up discharge saturation
voltage
Vsat6-7
I7 = -1.1A
3.2
V
Idling current
Idl
15
50
mA
Midpoint voltage
Vmid
14.0
15.0
16.0
V
EW drive saturation voltage
Vsat10-1
I10 = 500mA
1.5
V
Note: Current flowing into the IC is positive (+) and current flowing out is negative (-).
Package Dimensions
unit : mm
3248A


Podobny numer części - LA7848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7840 SANYO-LA7840 Datasheet
63Kb / 2P
   Vertical Output IC
LA7840 SANYO-LA7840_06 Datasheet
63Kb / 2P
   Vertical Output IC
LA7841 SANYO-LA7841 Datasheet
53Kb / 3P
   Vertical Deflection Output Circuit
LA7841 SANYO-LA7841 Datasheet
53Kb / 3P
   LA7841
More results

Podobny opis - LA7848

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA78040N SANYO-LA78040N Datasheet
202Kb / 4P
   TV and CRT Display Vertical Output IC with Bus Control Support
LA78041 SANYO-LA78041_06 Datasheet
155Kb / 4P
   TV and CRT Display Vertical Output IC with Bus Control Support
logo
Hangzhou Youwang Electr...
UTC78045 YOUWANG-UTC78045 Datasheet
95Kb / 5P
   TV and CRT Display Vertical Output IC with Bus Control Support
2009.08.20 V1.0
logo
Sanyo Semicon Device
LA78045 SANYO-LA78045_06 Datasheet
75Kb / 4P
   TV and CRT Display Vertical Output IC with Bus Control Support
logo
ON Semiconductor
LA78041-E ONSEMI-LA78041-E Datasheet
76Kb / 4P
   TV and CRT Display Vertical Output IC with Bus Control Support
July, 2013
logo
Sanyo Semicon Device
LA7847 SANYO-LA7847 Datasheet
445Kb / 3P
   BUS Supporting, TV Vertical Output and E/W Drive
LA78040 SANYO-LA78040 Datasheet
336Kb / 4P
   LA78040 TV and CRT Display Vertical Output IC with Bus Control Support
LA78141-E SANYO-LA78141-E Datasheet
785Kb / 19P
   Bus Supported TV Display Vertical Output
3LA78040B SANYO-3LA78040B Datasheet
58Kb / 3P
   The Vertical Deflection Output IC With Bus Control Support for TVs and CRT Display
logo
NTE Electronics
NTE31 NTE-NTE31 Datasheet
20Kb / 2P
   Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com