Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWLF-1631-30 Arkusz danych(PDF) 9 Page - Finisar Corporation.

Numer części FWLF-1631-30
Szczegółowy opis  RoHS Compliant DWDM SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF-1631-30 Arkusz danych(HTML) 9 Page - Finisar Corporation.

Back Button FWLF-1631-30 Datasheet HTML 4Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 5Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 6Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 7Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 8Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 9Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 10Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 11Page - Finisar Corporation. FWLF-1631-30 Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FWLF-1631-XX DWDM SFP Preliminary Product Specification – August 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 9
Rev B, August 2005
Serial ID Data Fields – Address A0
(Continued…)
Data
Address
Value
Name of Field
Description of Field
BASE ID FIELDS
0
0Bh
Identifier
Type of serial transceiver
1
24h
Ext. Identifier
Extended identifier of type of serial transceiver
2
07h
Connector
Code for connector type
3
00h
4
0Ch
5
00h
6
02h
7
80h
8
10h
9
01h
10
05h
Transceiver
Code for electronic compatibility or optical
compatibility
11
05h
Encoding
Code for serial encoding algorithm
12
19h
BR, Nominal
Nominal bit rate, units of 100 MBits/sec
13
00h
14
78h
Length(9µm) - km
Link length supported for 9/125 µm fiber, units
of km
15
46h
Max Temp
Maximum operating case temperature in ºC
16
FBh
Min Temp
Minimum operating case temperature in ºC
17
5Fh
Max Supply Current Maximum supply current in units of 4 mA
18
00h
Reserved
19
41h
Channel spacing and
Tuning
Channel spacing compatibility and number of
ITU channels supported
20-35
FINISAR CORP.
Vendor name
SFP vendor name (ASCII, padded with spaces)
36
02h
Opt. features
Implemented optional DWDM features
37
00h
38
90h
39
65h
Vendor OUI
Finisar IEEE company ID
40-55
FWLF-1631-XX
Vendor PN
Part number provided by Finisar (ASCII,
padded with spaces)
56-59
41h
Vendor rev
Revision level for part number provided by
Finisar (ASCII, padded with spaces)
60-61
Wavelength
Laser wavelength (in nm)
62
Varies based on
channel number
Wavelength
Laser wavelength (fractional part in units of
10pm).
63
CC_BASE
Check code for Base ID Fields (addresses 0 to
62)


Podobny numer części - FWLF-1631-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF-1631-XX FINISAR-FWLF-1631-XX Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results

Podobny opis - FWLF-1631-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FTLF8529P4BCV FINISAR-FTLF8529P4BCV Datasheet
844Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
FTLF8529P4BNV FINISAR-FTLF8529P4BNV Datasheet
919Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com