Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWLF1631R34 Arkusz danych(PDF) 6 Page - Finisar Corporation.

Numer części FWLF1631R34
Szczegółowy opis  Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1631R34 Arkusz danych(HTML) 6 Page - Finisar Corporation.

Back Button FWLF1631R34 Datasheet HTML 2Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 3Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 4Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 5Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 6Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 7Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 8Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 9Page - Finisar Corporation. FWLF1631R34 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FWLF1631RXX DWDM SFP Preliminary Product Specification – November 2006
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 6
Rev B, November 2006
V.
Optical Parameters
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
TRANSMITTER CHARACTERISTICS
Center Wavelength Spacing
100
GHz
Corresponds to
approximately 0.8 nm
Modulated Spectral Width
∆λ 20
0.2
0.3
nm
Full width, -20dB from
max. See note 3
Transmitter Center Wavelength –
End of Life
λ
c
X - 100
X
X + 100
pm
X = specified center
wavelength
Transmitter Center Wavelength –
Start of Life
λ
c
Y - 25
Y
Y + 25
pm
Y = specified center
wavelength
Side Mode Suppression Ratio
(SMSR)
SMSR
30
dB
Modulated
Optical Rise/Fall Time
tr / tf
160
ps
Unfiltered, 80% -20%
Transmitter Optical Output Power
Pout
+3
+7
dBm
Average power coupled
into single mode fiber
Transmitter Extinction Ratio
OMI
8.2
dB
Transmitter Eye Opening
10
%
OC-48 eye mask margin
Transmitter Jitter Generation
75
mUI
Parameters per GR-253
2
section 5.6 for OC-48 B
Tolerable Back Reflection
BR
-14
dB
See note 4
Relative Intensity Noise
RIN
-120
dB/Hz
Dispersion Power Penalty at
3200ps/nm
DPP
3.0
dB
See Note 5
RECEIVER CHARACTERISTICS
Optical Input Wavelength
Pin
1520
1570
nm
Receiver Jitter Generation
75
mUI
Parameters per GR-253
2
section 5.6 for OC-48 B
Optical Input Power
(BER < 10
-12)
Pin
-28
-9
dBm
2.5 Gb/s w/
PRBS 2
23 -1
Optical Input Power –
Receiver Damage Threshold
+6
dBm
Receiver Reflectance
RRX
-27
dB
Dispersion Noise Penalty at
3200ps/nm
DNP
3.0
dB
See Note 6
Notes:
1. Parameters are specified over temperature and voltage, at end of life unless otherwise noted.
2. All parameters are measured on a Finisar SFP Evaluation Card unless otherwise noted.
3. For accurate
∆λ
20 measurements, an OSA with a resolution band width of = 20pm is recommended.
4. Tolerable back reflection is the max back reflection level at which the power penalty will be <1dB. Power penalty is
measured over fiber (2400ps/nm) at BER = 10
-12 under high OSNR (>28dB) conditions.
5. Dispersion power penalty is measured in loop back with OSNR set to 28 dB. Data rate and pattern used same as specified
for Optical Input Power. Dispersion power penalty is the difference in Rx power at a BER of 10
-12 for 0ps/nm and
3200ps/nm.
6. Dispersion noise penalty is measured in loop back with Rx power set between -9dBm and -22dBm. Data rate and pattern
used same as specified for Optical Input Power. Dispersion noise penalty is the difference in OSNR at a BER of 10
-12 for
0ps/nm and 3200ps/nm


Podobny numer części - FWLF1631R34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
logo
Frontier Electronics.
FWLF1631RXX FRONTIER-FWLF1631RXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
More results

Podobny opis - FWLF1631R34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com