Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWLF1634RV55 Arkusz danych(PDF) 8 Page - Finisar Corporation.

Numer części FWLF1634RV55
Szczegółowy opis  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634RV55 Arkusz danych(HTML) 8 Page - Finisar Corporation.

Back Button FWLF1634RV55 Datasheet HTML 2Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 3Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 4Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 5Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 6Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 7Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 8Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 9Page - Finisar Corporation. FWLF1634RV55 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 8
Rev C2, Feb.2009
IX. Serial Communication Protocol
All Finisar SFPs support the 2-wire serial communication protocol to provide module ID
information as outlined in the SFP MSA
1. These SFPs use an Atmel AT24C01A 128 byte
E
2PROM with an address of A0h. For details on interfacing with the E2PROM, see the
Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM.”3
Finisar SFPs also support diagnostic features as described in Finisar Applications Note AN-
2030
4 and SFF-84725, “Digital Diagnostic Monitoring Interface for Optical Transceivers”.
A controller IC that monitors system parameters such as laser current, module temperature,
transmitter power, and received power is accessible at address A2H. In addition, Finisar’s
DWDM SFPs provide extended set of ID information and diagnostic features as described
in the DWDM SFP MSA
6.
I2C clock speed, digital diagnostic accuracy and digital diagnostic range can be found in the
table below. Values in the table represent the worst-case values over temperature, voltage,
and life.
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
I
2C Clock Speed
0
100,000
Hz
Bus can be driven blind
Accuracy
Transceiver Case
Temperature
DDTemperature
-10
+10
°C
Measured on the top-side of
the module case
Transceiver Supply
Voltage
DDVoltage
-3
+3
%
Tx Bias Current
DDBias
-10
+10
%
Tx Output Power
DDTxPower
-2
+2
dB
Received Average
Power
DDRxPower
-2
+2
dB
Range
Transceiver Case
Temperature
DDTemperature
-40
85
°C
Transceiver Supply
Voltage
DDVoltage
3.0
4.0
V
Tx Bias Current
DDBias
0
90
mA
Tx Output Power
DDTxPower
-5
+10
dBm
Received Average
Power
DDRxPower
-30
-7
dBm


Podobny numer części - FWLF1634RV55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
logo
Frontier Electronics.
FWLF1634RLXX FRONTIER-FWLF1634RLXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1634RLXX FINISAR-FWLF1634RLXX Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634Ry18 FINISAR-FWLF1634Ry18 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Podobny opis - FWLF1634RV55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com