Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4730A Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części 1N4730A
Szczegółowy opis  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4730A Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1N4730A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4730A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZzT at IzT Zzk at Izk
IzK
IR
Test- Voltage
suffix B
Volts
mA
mA
µA
Volts
mA
mA
1N4728A
3.3
76.0
10
400
1.00
100
1.0
1380
276
1N4729A
3.6
69.0
10
400
1.00
100
1.0
1260
252
1N4730A
3.9
64.0
9
400
1.00
50
1.0
1170
234
1N4731A
4.3
58.0
9
400
1.00
10
1.0
1085
217
1N4732A
4.7
53.0
8
500
1.00
10
1.0
965
193
1N4733A
5.1
49.0
7
550
1.00
10
1.0
890
178
1N4734A
5.6
45.0
5
600
1.00
10
2.0
810
162
1N4735A
6.2
41.0
2
700
1.00
10
3.0
730
146
1N4736A
6.8
37.0
3.5
700
1.00
10
4.0
660
133
1N4737A
7.5
34.0
4
700
0.50
10
5.0
605
121
1N4738A
8.2
31.0
4.5
700
0.50
10
6.0
550
110
1N4739A
9.1
28.0
5
700
0.50
10
7.0
500
100
1N4740A
10.0
25.0
7
700
0.25
10
7.6
454
91
1N4741A
11.0
23.0
8
700
0.25
5
8.4
414
83
1N4742A
12.0
21.0
9
700
0.25
5
9.1
380
76
1N4743A
13.0
19.0
10
700
0.25
5
9.9
344
69
1N4744A
15.0
17.0
14
700
0.25
5
11.4
304
61
1N4745A
16.0
15.5
16
700
0.25
5
12.2
285
57
1N4746A
18.0
14.0
20
750
0.25
5
13.7
250
50
1N4747A
20.0
12.5
22
750
0.25
5
15.2
225
45
1N4748A
22.0
11.5
23
750
0.25
5
16.7
205
41
1N4749A
24.0
10.5
25
750
0.25
5
18.2
190
38
1N4750A
27.0
9.5
35
750
0.25
5
20.6
170
34
1N4751A
30.0
8.5
40
1000
0.25
5
22.8
150
30
1N4752A
33.0
7.5
45
1000
0.25
5
25.1
135
27
1N4753A
36.0
7.0
50
1000
0.25
5
27.4
125
25
1N4754A
39.0
6.5
60
1000
0.25
5
29.7
115
23
1N4755A
43.0
6.0
70
1500
0.25
5
32.7
110
22
1N4756A
47.0
5.5
80
1500
0.25
5
35.8
95
19
1N4757A
51.0
5.0
95
1500
0.25
5
38.8
90
18
1N4758A
56.0
4.5
110
2000
0.25
5
42.6
80
16
1N4759A
62.0
4.0
125
2000
0.25
5
47.1
70
14
1N4760A
68.0
3.7
150
2000
0.25
5
51.7
65
13
1N4761A
75.0
3.3
175
2000
0.25
5
56.0
60
12
1N4762A
82.0
3.0
200
3000
0.25
5
62.2
55
11
1N4763A
91.0
2.8
250
3000
0.25
5
69.2
50
10
1N4764A
100.0
2.5
350
3000
0.25
5
76.0
45
9
STANDARD VOLTAGE TOLERANCE IS ±10% AND :
1* TYPE NO.
SUFFIX "A" FOR ±5%
2* TOLERANCE OF VZ
OTHER TOLERANCES UPON REQUEST.
3* e.g., 1N4731A=4.3V±5%
ZENER DIODE NUMBERING SYSTEM : 1N4731
A
* Measured with pulses tp = 40m SEC.
1*
2*
ZENER DIODES
Maximum
Regulator
Current IzM
1N47-SERIES
Maximum Reverse
Leakage Current
Surge
Current
IR
at Ta=25oC
Nominal
Zener
Voltage
Vz at Izt*
Device
Type
Test
Current
IzT
Maximum Zener Impedance
1W , ± 5%
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Podobny numer części - 1N4730A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1N4730A PHILIPS-1N4730A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4730A VISHAY-1N4730A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4730A SEMTECH_ELEC-1N4730A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4730A ETC1-1N4730A Datasheet
16Kb / 1P
   Zener Diodes
logo
Sangdest Microelectroni...
1N4730A SMC-1N4730A Datasheet
170Kb / 5P
   ZENER DIODES
More results

Podobny opis - 1N4730A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com