Zakładka z wyszukiwarką danych komponentów |
|
SN74CBT16209ADGG Arkusz danych(PDF) 3 Page - Texas Instruments |
|
SN74CBT16209ADGG Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 5 page SN54CBT16209, SN74CBT16209A 18-BIT FET BUS-EXCHANGE SWITCHES SCDS006K – NOVEMBER 1992 – REVISED MAY 1998 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous channel current 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DGG package 89 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGV package 93 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DL package 94 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51. recommended operating conditions (see Note 3) SN54CBT16209 SN74CBT16209A UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4 5.5 4 5.5 V VIH High-level control input voltage 2 2 V VIL Low-level control input voltage 0.8 0.8 V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 V II VCC = 0, VI = 5.5 V 10 µA II VCC = 5.5 V, VI = 5.5 V or GND ±1 µA ICC VCC = 5.5 V, IO = 0, VI = VCC or GND 3 µA ∆ICC§ Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 2.5 mA Ci Control inputs VI = 3 V or 0 4 pF Cio(OFF) VO = 3 V or 0, S0, S1, or S2 = VCC 7.5 pF ¶ VCC = 4 V, TYP at VCC = 4 V VI = 2.4 V, II = 15 mA ron¶ VI =0 II = 64 mA 4 8 Ω on VCC = 4.5 V VI = 0 II = 30 mA 4 8 VI = 2.4 V, II = 15 mA 6 15 ‡ All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. § This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. ¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower of the voltages of the two (A or B) terminals. |
Podobny numer części - SN74CBT16209ADGG |
|
Podobny opis - SN74CBT16209ADGG |