Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74BCT8240ADWR Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74BCT8240ADWR
Szczegółowy opis  SCAN TEST DEVICES WITH OCTAL INVERTING BUFFERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT8240ADWR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74BCT8240ADWR Datasheet HTML 1Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 2Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 3Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 4Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 5Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 6Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 7Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 8Page - Texas Instruments SN74BCT8240ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SN54BCT8240A, SN74BCT8240A
SCAN TEST DEVICES
WITH OCTAL INVERTING BUFFERS
SCBS067E – FEBRUARY 1990 – REVISED DECEMBER 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
SCOPE
™ Family of Testability Products
D Octal Test-Integrated Circuits
D Functionally Equivalent to ’F240 and
’BCT240 in the Normal-Function Mode
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D Test Operation Synchronous to Test
Access Port (TAP)
D Implement Optional Test Reset Signal by
Recognizing a Double-High-Level Voltage
(10 V ) on TMS Pin
D SCOPE ™ Instruction Set
– IEEE Standard 1149.1-1990 Required
Instructions, Optional INTEST, CLAMP,
and HIGHZ
– Parallel-Signature Analysis at Inputs
– Pseudo-Random Pattern Generation
From Outputs
– Sample Inputs/Toggle Outputs
D Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
and Ceramic 300-mil DIPs (JT, NT)
description
The ’BCT8240A scan test devices with octal
buffers are members of the Texas Instruments
SCOPE
™ testability integrated-circuit family. This
family of devices supports IEEE Standard
1149.1-1990 boundary scan to facilitate testing of
complex circuit-board assemblies. Scan access
to the test circuitry is accomplished via the 4-wire
test access port (TAP) interface.
In the normal mode, these devices are functionally equivalent to the ’F240 and ’BCT240 octal buffers. The test
circuitry can be activated by the TAP to take snapshot samples of the data appearing at the device terminals
or to perform a self test on the boundary-test cells. Activating the TAP in normal mode does not affect the
functional operation of the SCOPE
™ octal buffers.
In the test mode, the normal operation of the SCOPE
™ octal buffers is inhibited and the test circuitry is enabled
to observe and control the I/O boundary of the device. When enabled, the test circuitry can perform
boundary-scan test operations, as described in IEEE Standard 1149.1-1990.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
SCOPE is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1OE
1Y1
1Y2
1Y3
1Y4
GND
2Y1
2Y2
2Y3
2Y4
TDO
TMS
2OE
1A1
1A2
1A3
1A4
2A1
VCC
2A2
2A3
2A4
TDI
TCK
SN54BCT8240A . . . JT PACKAGE
SN74BCT8240A ... DW OR NT PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
2A4
TDI
TCK
NC
TMS
TDO
2Y4
1A2
1A1
2OE
NC
1OE
1Y1
1Y2
426
14 15 16 17 18
SN54BCT8240A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Podobny numer części - SN74BCT8240ADWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74BCT8244A TI-SN74BCT8244A Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244A TI-SN74BCT8244A Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244A TI-SN74BCT8244A Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244ADW TI-SN74BCT8244ADW Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244ADW TI-SN74BCT8244ADW Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
More results

Podobny opis - SN74BCT8240ADWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54BCT8244A TI-SN54BCT8244A Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_07 Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_08 Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com