Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCD488FC-020 Arkusz danych(PDF) 3 Page - JDS Uniphase Corporation

Numer części FCD488FC-020
Szczegółowy opis  Continuous Wave 488 nm Solid-State Laser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JDSU [JDS Uniphase Corporation]
Strona internetowa  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FCD488FC-020 Arkusz danych(HTML) 3 Page - JDS Uniphase Corporation

  FCD488FC-020 Datasheet HTML 1Page - JDS Uniphase Corporation FCD488FC-020 Datasheet HTML 2Page - JDS Uniphase Corporation FCD488FC-020 Datasheet HTML 3Page - JDS Uniphase Corporation FCD488FC-020 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CONTINUOUS WAVE 488 NM SOLID-STATE LASER
Specifications
Parameter
FCD488-010
FCD488-020
FCD488-025
FCD488FC-010 FCD488FC-020
(Free Space)
(Free Space)
(Free Space)
(Fiber Delivered) (Fiber Delivered)
Optical
Wavelength
488 ± 2 nm
Output power
10 mW
20 mW
25 mW
10 mW
20 mW
Power stability (2 hour, 25±3 °C) after warm-up
<2.0%
Mode quality M2
<1.2
Beam diameter (1/e2 point)
0.7 mm ± 10%
Beam divergence (full angle)
<1.0 mrad
Polarization ratio (E-vector is vertical)
>100:1
Noise (rms, 20 Hz to 2 MHz)
<0.5%
Ellipticity
<10%
Pointing stability after warm-up
<10 µrad/°C
Static alignment
Beam position
± 0.25 mm
± 0.25 mm
± 0.25 mm
± 0.5 mm
± 0.5 mm
Beam angle
± 2.5 mrad
± 2.5 mrad
± 2.5 mrad
± 50 mrad
± 50 mrad
Environmental
Base plate temperature
Operating
10 to 45°C
Non-operating
0 to 60°C
Shock (11 ms duration)
Operating
1 g
Non-operating
25 g
Vibration (sinusoidal, 5 to 500 Hz)
Operating
0.3 g
Non-operating
2 g
Warm-up time
<10 minutes
Electrical requirements
Operating voltage
5.0 ± 0.4 V DC
Current required
4 A
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Product Code
Description
FCD488-010
FCD continuous wave 10 mW 488 nm free space solid-state laser
FCD488-020
FCD continuous wave 20 mW 488 nm free space solid-state laser
FCD488-025
FCD continuous wave 25 mW 488 nm free space solid-state laser
FCD488FC-010
FCD continuous wave 10 mW 488 nm fiber delivered solid-state laser
FCD488FC-020
FCD continuous wave 20 mW 488 nm fiber delivered solid-state laser
Sample: FCD488-010


Podobny numer części - FCD488FC-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
FCD4B14 ATMEL-FCD4B14 Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
FCD4B14CC ATMEL-FCD4B14CC Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
FCD4B14CCB ATMEL-FCD4B14CCB Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
logo
Fairchild Semiconductor
FCD4N60 FAIRCHILD-FCD4N60 Datasheet
972Kb / 8P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FCD4N60 ISC-FCD4N60 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FCD488FC-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JDS Uniphase Corporatio...
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
logo
JDS Uniphase Corporatio...
CY-SM20-M1 JDSU-CY-SM20-M1 Datasheet
231Kb / 5P
   Quasi-Continuous Wave (CW) UV Laser
logo
Analog Devices
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
logo
JDS Uniphase Corporatio...
125N-1319-100 JDSU-125N-1319-100 Datasheet
261Kb / 5P
   Continuous Wave (CW) Single-Frequency IR Laser
142H-532-100 JDSU-142H-532-100 Datasheet
217Kb / 4P
   Continuous Wave (CW) Single Frequency Green Laser
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com