Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTL1655 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74GTL1655
Szczegółowy opis  16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL1655 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74GTL1655 Datasheet HTML 6Page - Texas Instruments SN74GTL1655 Datasheet HTML 7Page - Texas Instruments SN74GTL1655 Datasheet HTML 8Page - Texas Instruments SN74GTL1655 Datasheet HTML 9Page - Texas Instruments SN74GTL1655 Datasheet HTML 10Page - Texas Instruments SN74GTL1655 Datasheet HTML 11Page - Texas Instruments SN74GTL1655 Datasheet HTML 12Page - Texas Instruments SN74GTL1655 Datasheet HTML 13Page - Texas Instruments SN74GTL1655 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SN54GTL1655, SN74GTL1655
16-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
WITH LIVE INSERTION
SCBS696E – JULY 1997 – REVISED NOVEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
live-insertion specifications over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
SN54GTL1655
SN74GTL1655
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
ICC (BIAS VCC)
VCC = 0 to 3 V
V (B port) = 0 to 1.2 V,
5
5
mA
ICC (BIAS VCC)
VCC = 3 V to 3.6 V
()
,
VI (BIAS VCC) = 3 V to 3.6 V
10
10
µA
VO
B port
VCC = 0,
VI (BIAS VCC) = 3.3 V
1
1.2
1
1.2
V
VCC = 0,
V (B port) = 0.4 V,
VI (BIAS VCC) = 3 V to 3.6 V
–1
–1
IO
B port
VCC = 0 to 3.6 V,
OE = 3.3 V
100
100
µA
VCC = 0 to 1.5 V,
OE = 0 to 3.3 V
100
100
timing requirements over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.2 V, VREF = 0.8 V and VERC = VCC or GND for GTL (unless otherwise noted)
SN54GTL1655
SN74GTL1655
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
160
160
MHz
t
Pulse duration
LE high
3
3
ns
tw
Pulse duration
CLK high or low
3
3
ns
Data before CLK
2.7
2.7
tsu
Setup time
Data before LE
CLK high
2.8
2.8
ns
Data before LE
CLK low
2.6
2.6
th
Hold time
Data after CLK
0.4
0.4
ns
th
Hold time
Data after LE
CLK high or low
0.9
0.9
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - SN74GTL1655

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL1655 TI-SN74GTL1655 Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
SN74GTL1655DGGRE4 TI-SN74GTL1655DGGRE4 Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
SN74GTL1655DGGRG4 TI-SN74GTL1655DGGRG4 Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
More results

Podobny opis - SN74GTL1655

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com