Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTL16612ADGG Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SN74GTL16612ADGG
Szczegółowy opis  18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16612ADGG Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74GTL16612ADGG Datasheet HTML 1Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 2Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 3Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 4Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 5Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 6Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 7Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 8Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
SN54GTL16612A, SN74GTL16612A
18-BIT LVTTL-TO-GTL+ UNIVERSAL BUS TRANSCEIVERS
SCES187D – JANUARY 1999 – REVISED JULY 2005
Additional design considerations can be found in Application Information at the end of this data sheet.
These 18-bit universal bus transceivers combine D-type latches and D-type flip-flops to allow data flow in
transparent, latched, clocked, and clock-enabled modes. These UBTs can replace any of the functions shown in
Table 1.
Table 1. 'GTL16612A UBT Replacement Functions
FUNCTION
8 BIT
9 BIT
10 BIT
16 BIT
18 BIT
Transceiver
'245, '623, '645
'863
'861
'16245, '16623
'16863
Buffer/driver
'241, '244, '541
'827
'16241, '16244, '16541
'16825
Latched transceiver
'543
'16543
'16472
Latch
'373, '573
'843
'841
'16373
'16843
Registered transceiver
'646, '652
'16646, '16652
'16474
Flip-flop
'374, '574
'821
'16374
Standard UBT
'16500, '16501
Universal bus driver
'16835
Registered transceiver with CLK enable
'2952
'16470, '16952
Flip-flop with CLK enable
'377
'823
'16823
Standard UBT with CLK enable
'16600, '16601
'GTL16612A UBT replaces all above functions
xxx
GTL+ is the Texas Instruments (TI™) derivative of the Gunning transceiver logic (GTL) JEDEC standard
JESD 8-3. The AC specification of the 'GTL16612A is given only at the preferred higher noise margin GTL+, but
this device can be used at either GTL (V
TT = 1.2 V and VREF = 0.8 V) or GTL+ (VTT = 1.5 V and VREF = 1 V)
signal levels.
The B port normally operates at GTL or GTL+ levels, while the A-port and control inputs are compatible with
LVTTL logic levels and are 5-V tolerant. V
REF is the reference input voltage for the B port.
To improve signal integrity, the 'GTL16612A B-port output transition time is optimized for distributed backplane
loads.
V
CC (5 V) supplies the internal and GTL circuitry, while VCC (3.3 V) supplies the LVTTL output buffers.
Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable (LEAB and LEBA),
and clock (CLKAB and CLKBA) inputs. The clock or latch enable can be controlled by the clock-enable (CEAB
and CEBA) inputs. For A-to-B data flow, the devices operate in the transparent mode when LEAB is high. When
LEAB is low, the A data is latched if CEAB is low and CLKAB is held at a high or low logic level. If LEAB is low,
the A data is stored in the latch/flip-flop on the low-to-high transition of CLKAB if CEAB also is low. When OEAB
is low, the outputs are active. When OEAB is high, the outputs are in the high-impedance state. Data flow for B
to A is similar to that for A to B, but uses OEBA, LEBA, CLKBA, and CEBA.
To ensure the high-impedance state during power up or power down, OE should be tied to V
CC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven LVTTL inputs at a valid logic state. Use of pullup or pulldown
resistors with the bus-hold circuitry is not recommended.
These devices are fully specified for partial-power-down applications using I
off. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
The SN54GTL16612A is characterized for operation over the full military temperature range of –55°C to 125°C.
The SN74GTL16612A is characterized for operation from –40°C to 85°C.
2


Podobny numer części - SN74GTL16612ADGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL16612 TI-SN74GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DGG TI-SN74GTL16612DGG Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DGGR TI-SN74GTL16612DGGR Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DL TI-SN74GTL16612DL Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DLR TI-SN74GTL16612DLR Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
More results

Podobny opis - SN74GTL16612ADGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com