Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC08PW Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC08PW
Szczegółowy opis  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74HC08PW Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74HC08PW Datasheet HTML 1Page - Texas Instruments SN74HC08PW Datasheet HTML 2Page - Texas Instruments SN74HC08PW Datasheet HTML 3Page - Texas Instruments SN74HC08PW Datasheet HTML 4Page - Texas Instruments SN74HC08PW Datasheet HTML 5Page - Texas Instruments SN74HC08PW Datasheet HTML 6Page - Texas Instruments SN74HC08PW Datasheet HTML 7Page - Texas Instruments SN74HC08PW Datasheet HTML 8Page - Texas Instruments SN74HC08PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54HC08, SN74HC08
QUADRUPLE 2INPUT POSITIVEAND GATES
SCLS081E – DECEMBER 1982 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - SN74HC08PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC08PW TI-SN74HC08PW Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74HC08PW TI1-SN74HC08PW Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC08 Quadruple 2-Input Positive-AND Gates
SN74HC08PWE4 TI-SN74HC08PWE4 Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74HC08PWE4 TI1-SN74HC08PWE4 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC08 Quadruple 2-Input Positive-AND Gates
SN74HC08PWG4 TI-SN74HC08PWG4 Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Podobny opis - SN74HC08PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com