Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFP-CM3250G1 Arkusz danych(PDF) 3 Page - JDS Uniphase Corporation

Numer części FFP-CM3250G1
Szczegółowy opis  Fused Coupler, PM Combiner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JDSU [JDS Uniphase Corporation]
Strona internetowa  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFP-CM3250G1 Arkusz danych(HTML) 3 Page - JDS Uniphase Corporation

  FFP-CM3250G1 Datasheet HTML 1Page - JDS Uniphase Corporation FFP-CM3250G1 Datasheet HTML 2Page - JDS Uniphase Corporation FFP-CM3250G1 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10140142 Rev. 004 02/06 FFPCOMBINER.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
FUSED COUPLER, PM COMBINER
Code
Fiber Type
E
Telecoms PM fiber 400 µm buffer
F
Telecoms PM fiber 250 µm buffer
G
980 nm PM fiber 250 µm buffer
Code
Configuration
11x2
22x2
Sample: FFP-SM3245E10 (S band, PM Combiner Grade M, regular housing, 2x2 Channel Center = 1445 nm, Telecoms PM
Fiber 400 µm buffer, 1 m pigtail, no connector)
Code
Passband
Wavelength
5
980 nm
C
C band
L
L band
SS band
FFP-
3
Code
Device Type
M
PM Combiner
Grade M
W
PM Combiner
Grade W
Code
Housing
3
3.0 (Ø) x 71 (L) mm
primary-coated fiber
Code
Pigtail Length2
(Minimum)
0
0.5 meter
11 meter
Code
Connectors3
0NONE
P
FC-PM/APC
R
FC-PM/PC
1. Channel center must be within the selected
passband wavelength.
2. Minimum pigtail length. Other pigtail
lengths available on request.
3. Insertion loss in specification table does not
include connector loss. Other connectors
available on request.
Code
Channel Center1
Last two digits of center wavelength,
for examples:
45
1445 nm
50
1550 nm


Podobny numer części - FFP-CM3250G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JDS Uniphase Corporatio...
FFP-C13145 JDSU-FFP-C13145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C13150 JDSU-FFP-C13150 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C13245 JDSU-FFP-C13245 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C13250 JDSU-FFP-C13250 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C15145 JDSU-FFP-C15145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
More results

Podobny opis - FFP-CM3250G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JDS Uniphase Corporatio...
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
logo
Advanced Technical Mate...
42-26XA-Z ATM-42-26XA-Z Datasheet
79Kb / 1P
   OUTLINE, WR42 COUPLER (COMBINER-DIVIDER)
logo
OPLINK Communications I...
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
LPTC3150P OPLINK-LPTC3150P Datasheet
166Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
logo
JDS Uniphase Corporatio...
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com