Zakładka z wyszukiwarką danych komponentów |
|
SN74HC193PWT Arkusz danych(PDF) 6 Page - Texas Instruments |
|
SN74HC193PWT Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 17 page SN54HC193, SN74HC193 4BIT SYNCHRONOUS UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR) SCLS122D − DECEMBER 1982 − REVISED OCTOBER 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HC193 SN74HC193 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.9 1.998 1.9 1.9 IOH = −20 µA 4.5 V 4.4 4.499 4.4 4.4 VOH VI = VIH or VIL IOH = −20 µA 6 V 5.9 5.999 5.9 5.9 V VOH VI = VIH or VIL IOH = −4 mA 4.5 V 3.98 4.3 3.7 3.84 V IOH = −5.2 mA 6 V 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL IOL = 20 µA 6 V 0.001 0.1 0.1 0.1 V VOL VI = VIH or VIL IOL = 4 mA 4.5 V 0.17 0.26 0.4 0.33 V IOL = 5.2 mA 6 V 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA ICC VI = VCC or 0, IO = 0 6 V 8 160 80 µA Ci 2 V to 6 V 3 10 10 10 pF timing requirements over recommended operating free-air temperature range (unless otherwise noted) VCC TA = 25°C SN54HC193 SN74HC193 UNIT VCC MIN MAX MIN MAX MIN MAX UNIT 2 V 4.2 2.8 3.3 fclock Clock frequency 4.5 V 21 14 17 MHz fclock Clock frequency 6 V 24 16 19 MHz 2 V 120 180 150 CLR high 4.5 V 24 36 30 CLR high 6 V 21 31 26 2 V 120 180 150 tw Pulse duration LOAD low 4.5 V 24 36 30 ns tw Pulse duration LOAD low 6 V 21 31 26 ns 2 V 120 180 150 UP or DOWN high or low 4.5 V 24 36 30 UP or DOWN high or low 6 V 21 31 26 2 V 110 165 140 Data before LOAD inactive 4.5 V 22 33 28 Data before LOAD inactive 6 V 19 28 24 2 V 110 165 140 tsu Setup time CLR inactive before UP ↑ or DOWN↑ 4.5 V 22 33 28 ns tsu Setup time CLR inactive before UP ↑ or DOWN↑ 6 V 19 28 24 ns 2 V 110 165 140 LOAD inactive before UP ↑ or DOWN↑ 4.5 V 22 33 28 LOAD inactive before UP ↑ or DOWN↑ 6 V 19 28 24 2 V 5 5 5 th Hold time Data after LOAD inactive 4.5 V 5 5 5 ns th Hold time Data after LOAD inactive 6 V 5 5 5 ns |
Podobny numer części - SN74HC193PWT |
|
Podobny opis - SN74HC193PWT |