Zakładka z wyszukiwarką danych komponentów |
|
SN74HC193DE4 Arkusz danych(PDF) 9 Page - Texas Instruments |
|
SN74HC193DE4 Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 17 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-87724012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 5962-8772401EA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN54HC193J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN74HC193D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193DT ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193DTE4 ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74HC193NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74HC193NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193PW ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193PWE4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193PWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193PWRE4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193PWT ACTIVE TSSOP PW 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC193PWTE4 ACTIVE TSSOP PW 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54HC193FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54HC193J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered PACKAGE OPTION ADDENDUM www.ti.com 6-Dec-2006 Addendum-Page 1 |
Podobny numer części - SN74HC193DE4 |
|
Podobny opis - SN74HC193DE4 |