Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF103S Arkusz danych(PDF) 4 Page - MicroPower Direct, LLC

Numer części LF103S
Szczegółowy opis  Ultra-Miniature, 1W Single Output SMT DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPD [MicroPower Direct, LLC]
Strona internetowa  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF103S Arkusz danych(HTML) 4 Page - MicroPower Direct, LLC

  LF103S Datasheet HTML 1Page - MicroPower Direct, LLC LF103S Datasheet HTML 2Page - MicroPower Direct, LLC LF103S Datasheet HTML 3Page - MicroPower Direct, LLC LF103S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
www.micropowerdirect.com
292 Page Street, STE D, Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
MPD
also offers a full range of compact open frame, en-
closed, U-chassis and DIN Rail AC/DC power supplies. Our very
wide range of models offers:
Nearly 2,000 Standard Models
10W to 1,000W Output Power
1 to 4 Outputs
Universal Inputs
Power Factor Correction
International Approvals (Including Medical)
Many Form Factors & Mechanical Options
Robust Filtering & Protection Circuits
High MTBFs
Low Cost
Call us today. Whether you need a ruggedized unit for a
critical industrial application or a very low cost basic model;
we have the right AC/DC power supply for your application
requirement. Below is a sampling of the products we offer.
Series
Description
Power
Input
Output
Approvals
Size
HF-15W-SPL
Miniature, single
output open-
frame series
15W
Universal
85 - 264 VAC
5V to 48V
UL, cUL, CE
3.9 x 1.8 x 0.9
(100 x 46 x 22)
RL0402U
Medically ap-
proved 400W
series in u-chassis
or enclosed with
built in fan.
400W
Universal
90-264 VAC
Active PFC
Single & Dual
Models
2V to 58V
UL, cUL, TUV, CE
(Medical)
8 x 5 x 1.6
(203.2 x 127 x 40.6)
AD1072F
Very low cost
Single output
72W DIN Rail
mount supplies
72W
Universal
100 - 240 VAC
12V to 48V
CE
4.7 x 4.3 x 2.2
(121 x 110 x 56)
MPA320F
Compact 320W
supplies include
a cover with
built in fan
320W
Auto-Ranging
90-132 VAC
185 - 264 VAC
Passive PFC
Single & Dual
Models
2V to 60V
UL, cUL, TUV, CE
6 x 4 x 1.5
(152.4 x 101.6 x 38.1)
HF60W-xL
Very low cost
60W enclosed
series.
60W
Universal
85 - 264 VAC
Single, Dual &
triple output
models
5V to 48V
UL, cUL, CE
6.3 x 3.8 x 1.5
(160 x 98 x 39)
This is a just a small sampling of our AC/DC product range. Whatever your application requirements, give us a call or go to our website at
www.micropowerdirect.com. If we don’t have a standard product that fits your need, ask about product modifications. And don’t forget, we
also offer well over 2,000 standard DC/DC converters. Call today.


Podobny numer części - LF103S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
LF103SI MPD-LF103SI Datasheet
218Kb / 2P
   High Isolation, 1W Single Output SMT DC/DC Converters
More results

Podobny opis - LF103S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
LF100D MPD-LF100D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
logo
Minmax Technology Co., ...
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
   1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
   Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com