Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY500-1000 Arkusz danych(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Numer części BY500-1000
Szczegółowy opis  SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BY500-1000 Arkusz danych(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BY500-1000 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BY500-1000 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 17/04/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BY500-100 THRU BY500-800
100
Forward voltage, V
0.4
0.8
1
0.1
0.01
10
1.6
1.2
2.0
Tj=25 C
Pulse width=300 S
1% duty cycle
Typical Forward Characteristics
Lead Temperature
Forward current derating curve
Temperature ( C )
40
0
80
Ambient Temperature
2
4
6
140
120
40
0.01
0
0.1
80
100
Tj=25 C
Tj=50 C
10
1
Tj=100 C
Percent of peak reverse voltage, %
Typical Reverse Characteristics
Ta=25 C
10ms single half sine wave at rated load
10
1
10
100
Repetitive
100
200
Non-repetitive
Number of cycles at 50Hz
Maximum peak forward surge current
10
Reverse voltage, v
5
1
100
Typical junction capacitance
10
100
Tj=25 C
f=1MHz


Podobny numer części - BY500-1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
BY500-1000 GOOD-ARK-BY500-1000 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diotec Semiconductor
BY500-1000 DIOTEC-BY500-1000 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
logo
Semikron International
BY500-1000 SEMIKRON-BY500-1000 Datasheet
143Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
BY500-1000 DIOTEC-BY500-1000 Datasheet
58Kb / 2P
   Fast Si-Rectifiers -Schnelle Si-Gleichrichter
logo
Galaxy Semi-Conductor H...
BY500-1000 BILIN-BY500-1000 Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Podobny opis - BY500-1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Taychipst Elec...
BY550-50 TAYCHIPST-BY550-50 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
BY500-100 TAYCHIPST-BY500-100 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Continental Device Indi...
MR850 CDIL-MR850 Datasheet
261Kb / 5P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIERS
logo
Pan Jit International I...
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
   Soft Recovery Fast Switching Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com