Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4448WT Arkusz danych(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Numer części 1N4448WT
Szczegółowy opis  SILICON EPITAXIAL PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4448WT Arkusz danych(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4448WT Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4448WT Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4448WT Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 07/04/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N4448WT
SILICON EPITAXIAL PLANAR DIODE
Fast Switching Diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
80
V
Average Rectified Output Current
IO
125
mA
Forward Continuous Current
IFM
250
mA
Non-Repetitive Peak Forward Surge Current (at t = 1 µs)
IFSM
0.5
A
Power Dissipation
Pd
150
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 5 mA
at IF = 10 mA
at IF = 100 mA
at IF = 150 mA
VF
0.62
-
-
-
0.72
0.855
1
1.25
V
Reverse Leakage Current
at VR = 80 V
at VR = 20 V
at VR = 75 V, TJ = 150 OC
at VR = 25 V, TJ = 150 OC
IR
-
-
-
-
100
25
50
30
nA
nA
µA
µA
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
80
-
V
Capacitance
at VR = 0.5 V, f = 1 MHz
Ctot
-
4
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 0.1 X IR , RL = 100 Ω
trr
-
4
ns
Anode
2
Top View
Marking Code: "A"
Simplified outline SOD-523 and symbol
1
A
2
PINNING
1
PIN
Cathode
DESCRIPTION


Podobny numer części - 1N4448WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
1N4448WT FAIRCHILD-1N4448WT Datasheet
134Kb / 6P
   High Conductance Fast Switching Diode
logo
Nanjing International G...
1N4448WT DGNJDZ-1N4448WT Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate Transistors
logo
TAITRON Components Inco...
1N4448WT TAITRON-1N4448WT Datasheet
198Kb / 5P
   Two Terminals SMD Switching Diode
logo
Goodwork Semiconductor ...
1N4448WT GWSEMI-1N4448WT Datasheet
358Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Surge Components
1N4448WT SURGE-1N4448WT Datasheet
2Mb / 3P
   Silicin Epitaxial Planar Switching Diode
More results

Podobny opis - 1N4448WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com