Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB25CKW01-G Arkusz danych(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Numer części LB25CKW01-G
Szczegółowy opis  Standard Size Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Strona internetowa  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB25CKW01-G Arkusz danych(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB25CKW01-G Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-G Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Snap-in Pushbuttons
Series LB
(21.0) Dia
.827
Cap Height
When
Assembled
(7.3)
.287
(2.5)
.098
(21.8) Dia
.858
(30.0) Dia
1.181
(21.0) Dia
.827
Cap Height
When
Assembled
(7.3)
.287
(2.5)
.098
(24.0) Sq
.945
(16.5)
.650
(16.5)
.650
(24.0)
.945
(22.7)
.894
(30.2)
1.189
Dust Covers reduce depth of switch behind panel by .020” (0.5mm).
AT4002
Round
AT4001
Square
AT4011
Rectangular
Dust Covers
(15.8) Sq
.622
NC
NO
COM
L
L
(+)
(-)
(0.74) Typ
.029
(5.08)
.200
NC
NO
COM
(5.08)
.200
(2.54) Typ
.100
(1.0) Dia Typ
.039
(0.3) Typ
.012
(2.54) Typ
.100
(0.5)
.020
(4.0)
.157
(15.0)
.591
OPTIONAL ACCESSORIES
PCB Adaptors
AT711
Single Pole • Straight PC Terminals
AT712
Double Pole • Straight PC Terminals
(0.3) Typ
.012
(2.54) Typ
.100
(0.5)
.020
(4.0)
.157
(15.0)
.591
NC
NO
COM
L
L
(+)
(-)
(15.8) Sq
.622
(0.74) Typ
.029
(5.08)
.200
NC
NO
COM
Note: Order adaptors separately.
(5.08) Typ
.200
(2.54) Typ
.100
(1.0) Dia Typ
.039
Materials:
Lid: Polyvinyl chloride
Gasket: Polyethylene
PVC loses pliability below 0°C (32°F.


Podobny numer części - LB25CKW01-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
LB25CKW01-GJ NKK-LB25CKW01-GJ Datasheet
697Kb / 20P
   General Specifications
More results

Podobny opis - LB25CKW01-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com