Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6V8HS Arkusz danych(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Numer części 6V8HS
Szczegółowy opis  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

6V8HS Arkusz danych(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  6V8HS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 6V8HS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 6V8HS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 6V8HS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 6V8HS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 07/05/2006
HS Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
Ohm at lZT
lZT (mA)
IR (µA) Max.
VR (V)
2V0HS
1.88
2.2
2V0HSA
1.88
2.1
2V0HSB
2.02
2.2
5
100
5
120
0.5
2V2HS
2.12
2.41
2V2HSA
2.12
2.3
2V2HSB
2.22
2.41
5
100
5
120
0.7
2V4HS
2.33
2.63
2V4HSA
2.33
2.52
2V4HSB
2.43
2.63
5
100
5
120
1
2V7HS
2.54
2.91
2V7HSA
2.54
2.75
2V7HSB
2.69
2.91
5
110
5
100
1
3V0HS
2.85
3.22
3V0HSA
2.85
3.07
3V0HSB
3.01
3.22
5
120
5
50
1
3V3HS
3.16
3.53
3V3HSA
3.16
3.38
3V3HSB
3.32
3.53
5
120
5
20
1
3V6HS
3.47
3.83
3V6HSA
3.47
3.68
3V6HSB
3.62
3.83
5
120
5
10
1
3V9HS
3.77
4.14
3V9HSA
3.77
3.98
3V9HSB
3.92
4.14
5
120
5
5
1
4V3HS
4.05
4.53
4V3HSA
4.05
4.26
4V3HSB
4.2
4.4
4V3HSC
4.34
4.53
5
120
5
5
1
4V7HS
4.47
4.91
4V7HSA
4.47
4.65
4V7HSB
4.59
4.77
4V7HSC
4.71
4.91
5
100
5
5
1
5V1HS
4.85
5.35
5V1HSA
4.85
5.03
5V1HSB
4.97
5.18
5V1HSC
5.12
5.35
5
70
5
5
1.5
1) Tested with pulse tp = 20 ms
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Podobny numer części - 6V8HS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
6V8HC SEMTECH_ELEC-6V8HC Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
6V8HCA SEMTECH_ELEC-6V8HCA Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
6V8HCB SEMTECH_ELEC-6V8HCB Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
6V8HCC SEMTECH_ELEC-6V8HCC Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Podobny opis - 6V8HS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com