Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT46W Arkusz danych(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Numer części BAT46W
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAT46W Arkusz danych(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAT46W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAT46W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAT46W Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 06/07/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAT46W
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
• High breakdown voltage
• Low forward voltage
• Surface mount device
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
150
mA
Repetitive Peak Forward Current (at tp < 1 s)
IFRM
350
mA
Surge Forward Current (at tp < 10 ms)
IFSM
750
mA
Power Dissipation
Ptot
200
mW
Thermal Resistance Junction Ambient
RthJA
420
O
C/W
Operating Temperature Range
TJ
- 55 to + 125
O
C
Storage Temperature Range
Ts
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
100
-
-
V
Forward Voltage
at IF = 0.1 mA
at IF = 10 mA
at IF = 250 mA
VF
-
-
-
-
-
-
0.25
0.45
1
V
Reverse Current
at VR = 1.5 V
at VR = 10 V
at VR = 50 V
at VR = 75 V
at VR = 1.5 V, Tj = 60 OC
at VR = 10 V, Tj = 60 OC
at VR = 50 V, Tj = 60 OC
at VR = 75 V, Tj = 60 OC
IR
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.5
0.8
2
5
5
7.5
15
20
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
at VR = 1 V, f = 1 MHz
CT
-
-
20
12
-
-
pF
Anode
2
Top View
Marking Code: "XH"
Simplified outline SOD-123 and symbol
1
XH
2
PINNING
1
PIN
Cathode
DESCRIPTION


Podobny numer części - BAT46W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Intersil Corporation
BAT46W INTERSIL-BAT46W Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
277Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
Micro Commercial Compon...
BAT46W MCC-BAT46W Datasheet
229Kb / 3P
   200mW Schottky Diode 100 Volts High breakdown Voltage
More results

Podobny opis - BAT46W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com