Zakładka z wyszukiwarką danych komponentów |
|
SM2527-44 Arkusz danych(PDF) 1 Page - Stealth Microwave, Inc. |
|
SM2527-44 Arkusz danych(HTML) 1 Page - Stealth Microwave, Inc. |
1 / 2 page 1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 ♦ Fax: (609) 538-8587 Email: sales@stealthmicrowave.com ♦ Web site: www.stealthmicrowave.com Model SM2527-44 2500-2700 MHz 25 Watt Linear Power Amplifier FOR MMDS APPLICATIONS Parameter Specification Frequency Range 2.5 - 2.7 GHz Pout (P1dB) + 44 dBm Third Order Intercept Point + 55 dBm Linear Gain 55 dB ± 1 dB Gain Flatness over Full Band ± .5 dB Gain Change over Temperature ± .5 dB Input/Output Return Loss -16 dB / -18 dB DC Input Voltage + 12 Volts DC Input Current, typ. 8.0 Amperes Level Control (Optional) 20 dB (min.) Mechanical Dimensions 7.5 x 3.9 x .79 inches RF Connectors SMA Female Operating Temperature 0ºC to +55ºC Operating Humidity 95% Non-condensing Operating Altitude Up to 10,000 feet above Sea Level The SM2527-44 is a 2.5 to 2.7 GHz solid state GaAs FET amplifier designed for the Multichannel Multipoint Distribution System (MMDS) market. By using the latest surface mount technologies, this small amplifier can easily fit into tightly packed transmitters and repeaters. The output power at P1dB is +44 dBm, the OIP3 is +55 dBm, and the linear gain is +55 dBm. Voltage variable gain control is available with a dynamic range of 20 dB. The unit is available in modular form (standard), or as a rack mountable amplifier. Features • Single Power Supply • Over/Reverse Voltage Protection • Thermal Protection with Auto Reset • Temperature Compensation • Integral Output Isolator Options • Forward/Reverse Power Detection • RF Sampling • Level Control • Integral Heatsink • Logic On/Off Control Configurations • Module • 19” Rack |
Podobny numer części - SM2527-44 |
|
Podobny opis - SM2527-44 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |