Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2527-47 Arkusz danych(PDF) 1 Page - Stealth Microwave, Inc.

Numer części SM2527-47
Szczegółowy opis  2500-2700 MHz 50 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Strona internetowa  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2527-47 Arkusz danych(HTML) 1 Page - Stealth Microwave, Inc.

  SM2527-47 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2527-47 Datasheet HTML 2Page - Stealth Microwave, Inc. SM2527-47 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2527-47
2500-2700 MHz
50 Watt Linear Power Amplifier
FOR MMDS APPLICATIONS
Parameter
Specification
Frequency Range
2.5 - 2.7 GHz
Pout (P1dB)
+ 47 dBm
Third Order Intercept
Point
+ 58 dBm
Linear Gain
56 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-14 dB /-18 dB
Harmonics @ P1dB
-60dBc (min.)
-65dBc (typ.)
DC Input Voltage
+ 12 Volts
DC Input Current
18 Amperes
(Varies per application)
Mechanical Dimensions
(Without Heatsink)
7.5 x 4.0 x .8 inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
Stealth Microwave’s SM2527-47 is a 2.5 to
2.7
GHz
solid
state
GaAs
amplifier
designed for the Multichannel Multipoint
Distribution System (MMDS) market. By
using the latest surface mount technologies,
this small amplifier can easily fit into tightly
packed transmitters and repeaters.
Features
• Single DC Supply of +12 V
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
• Integral Output Isolator
Options
• Forward/Reverse Power Detection
• RF Sampling
• Logic On/Off Control
• Integral Heatsink
• Fan
Configurations
• Module
• 19” Rack
• Bench Top Lab Unit


Podobny numer części - SM2527-47

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
More results

Podobny opis - SM2527-47

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-41 STEALTH_MICROWAVE-SM2527-41 Datasheet
173Kb / 3P
   2500-2700 MHz 12 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-44 STEALTH_MICROWAVE-SM2527-44 Datasheet
54Kb / 2P
   2500-2700 MHz 25 Watt Linear Power Amplifier
SM2527-41L STEALTH_MICROWAVE-SM2527-41L Datasheet
85Kb / 2P
   2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
SM2527-44L STEALTH_MICROWAVE-SM2527-44L Datasheet
162Kb / 3P
   2500-2700 MHz 25 Watt Ultra Linear Power Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com