Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVU04ADR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVU04ADR
Szczegółowy opis  HEX INVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVU04ADR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74LVU04ADR Datasheet HTML 1Page - Texas Instruments SN74LVU04ADR Datasheet HTML 2Page - Texas Instruments SN74LVU04ADR Datasheet HTML 3Page - Texas Instruments SN74LVU04ADR Datasheet HTML 4Page - Texas Instruments SN74LVU04ADR Datasheet HTML 5Page - Texas Instruments SN74LVU04ADR Datasheet HTML 6Page - Texas Instruments SN74LVU04ADR Datasheet HTML 7Page - Texas Instruments SN74LVU04ADR Datasheet HTML 8Page - Texas Instruments SN74LVU04ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54LVU04A, SN74LVU04A
HEX INVERTERS
SCES130L − MARCH 1998 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Unbuffered Outputs
D Max tpd of 6.5 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LVU04A ...J OR W PACKAGE
SN74LVU04A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LVU04A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74LVU04A . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
description/ordering information
These hex inverters are designed for 2-V to 5.5-V VCC operation.
The ’LVU04A devices contain six independent inverters with unbuffered outputs. These devices perform the
Boolean function Y = A.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LVU04ARGYR
LVU04A
SOIC − D
Tube of 50
SN74LVU04AD
LVU04A
SOIC − D
Reel of 2500
SN74LVU04ADR
LVU04A
SOP − NS
Reel of 2000
SN74LVU04ANSR
LVU04A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LVU04ADBR
LU04A
−40 C to 85 C
Tube of 90
SN74LVU04APW
TSSOP − PW
Reel of 2000
SN74LVU04APWR
LU04A
TSSOP − PW
Reel of 250
SN74LVU04APWT
LU04A
TVSOP − DGV
Reel of 2000
SN74LVU04ADGVR
LU04A
CDIP − J
Tube of 25
SNJ54LVU04AJ
SNJ54LVU04AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LVU04AW
SNJ54LVU04AW
−55 C to 125 C
LCCC − FK
Tube of 85
SNJ54LVU04AFK
SNJ54LVU04AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74LVU04ADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVU04ADR TI-SN74LVU04ADR Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74LVU04ADR TI-SN74LVU04ADR Datasheet
673Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LVU04ADR TI-SN74LVU04ADR Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LVU04ADRE4 TI-SN74LVU04ADRE4 Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74LVU04ADRE4 TI-SN74LVU04ADRE4 Datasheet
673Kb / 18P
[Old version datasheet]   HEX INVERTERS
More results

Podobny opis - SN74LVU04ADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com