Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBXSBA017 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części NBXSBA017
Szczegółowy opis  Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA017 Arkusz danych(HTML) 7 Page - ON Semiconductor

  NBXSBA017 Datasheet HTML 1Page - ON Semiconductor NBXSBA017 Datasheet HTML 2Page - ON Semiconductor NBXSBA017 Datasheet HTML 3Page - ON Semiconductor NBXSBA017 Datasheet HTML 4Page - ON Semiconductor NBXSBA017 Datasheet HTML 5Page - ON Semiconductor NBXSBA017 Datasheet HTML 6Page - ON Semiconductor NBXSBA017 Datasheet HTML 7Page - ON Semiconductor NBXSBA017 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NBXDBB017, NBXDBA017, NBXHBA017, NBXSBA017
http://onsemi.com
7
ORDERING INFORMATION
Device Order Number
Package Type
Shipping
NBXDBB017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXDBA017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXSBA017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXHBA017LN1TAG*
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXDBB017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXDBA017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXSBA017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXHBA017LNHTAG*
CLCC−6
(Pb−Free)
100 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Please contact sales office for availability


Podobny numer części - NBXSBA017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBXSBA017 ONSEMI-NBXSBA017 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results

Podobny opis - NBXSBA017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com