Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3436-40 Arkusz danych(PDF) 1 Page - Stealth Microwave, Inc.

Numer części SM3436-40
Szczegółowy opis  3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Strona internetowa  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM3436-40 Arkusz danych(HTML) 1 Page - Stealth Microwave, Inc.

  SM3436-40 Datasheet HTML 1Page - Stealth Microwave, Inc. SM3436-40 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM3436-40
3400-3600 MHz
10 Watt Ultra Linear Power Amplifier
FOR BWA APPLICATIONS
Parameter
Specification
Frequency Range
3.4 – 3.6 GHz
Pout (P1dB)
+ 40 dBm (min.)
ACPR for +33dBm
10MHz OFDM output
-45 dBc
Linear Gain
45 dB ± 1 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-16 dB / -16 dB
DC Supply
+ 12 Volts @ 4 Amperes
Mechanical Dimensions
7.5 x 3.74 x 2.0 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
Stealth Microwave’s SM3436-40 is an
affordable
solid
state
GaAs
amplifier
designed
primarily
for
the
3.5
GHz
Broadband Wireless Access markets. Its
compact size and high linearity make it
ideally suited for systems using TD-CDMA
and WiMAX. The amplifier operates from
3.4 to 3.6 GHz, provides 45 dB of Linear
Gain, has a P1dB of +40 dBm, and OFDM
output power of 33 dBm at 45dBc ACPR
(min).
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Forward/Reverse Power Detection
• RF Sample Port
• TTL On/Off Control
• High Speed Switching for TDD
• Integral Heatsink
Configurations
• Module
• 19” Rack


Podobny numer części - SM3436-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
More results

Podobny opis - SM3436-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3436-47L STEALTH_MICROWAVE-SM3436-47L Datasheet
166Kb / 3P
   3400-3600 MHz 50 Watt Ultra Linear Power Amplifier
SM3436-34HS STEALTH_MICROWAVE-SM3436-34HS Datasheet
92Kb / 2P
   3400 - 3600 MHz 2.5 Watt Linear Power Amplifier
SM3436-37HS STEALTH_MICROWAVE-SM3436-37HS Datasheet
114Kb / 4P
   3400-3600 MHz 5 Watt Linear Power Amplifier
SM3436-47 STEALTH_MICROWAVE-SM3436-47 Datasheet
214Kb / 2P
   3400-3600 MHz 50 Watt Linear Power Amplifier
SM3134-47L STEALTH_MICROWAVE-SM3134-47L Datasheet
170Kb / 3P
   3100-3400 MHz 50 Watt Ultra Linear Power Amplifier
SM3437-43L STEALTH_MICROWAVE-SM3437-43L Datasheet
149Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37HS STEALTH_MICROWAVE-SM3134-37HS Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
SM3437-43 STEALTH_MICROWAVE-SM3437-43 Datasheet
109Kb / 2P
   3400-3700 MHz 20 Watt Linear Power Amplifier
SM3134-37S STEALTH_MICROWAVE-SM3134-37S Datasheet
94Kb / 3P
   3100-3400 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com