Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4936S Arkusz danych(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Numer części 1N4936S
Szczegółowy opis  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4936S Arkusz danych(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4936S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4936S Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 20/02/2008 C
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N4933S THRU 1N4937S
FAST RECOVERY RECTIFIERS
Reverse Voltage – 50 to 600 V
Forward Current – 1 A
Features
• Low reverse leakage
• High forward surge current capability
• The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
• Construction utilizes void-free molded plastic technique
Mechanical Data
• Case: A-405, Molded plastic.
• Terminals: Plated Axial leads, solderable per MIL-STD-750,
method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols 1N4933S 1N4934S 1N4935S 1N4936S 1N4937S Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current
0.375"(9.5 mm) lead lengths at TA = 75 OC
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1 A
VF
1.2
V
Maximum DC Reverse Current
at TA = 25 OC
at Rated DC Blocking Voltage
at TA = 100 OC
IR
5
50
µA
Maximum Reverse Recovery Time
1)
trr
200
ns
Typical Junction Capacitance
2)
CJ
15
pF
Typical Thermal Resistance
3)
RθJA
50
O
C/W
Operating and Storage Temperature Range
TJ ,TS
- 65 to + 150
O
C
1) Reverse recovery condition I
F = 0.5 A, IR = 1 A, Irr = 0.25 A
1) Measured at 1 MHz and applied reverse voltage of 4 V D.C.
2) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B mounted.
A-405
1.0(25.4) Min.
1.0(25.4) Min.
Dimensions in inches and (millimmeters)
DIA.
DIA.
0.025(0.65)
0.021(0.55)
0.107(2.7)
0.080(2.3)
0.205(5.2)
0.166(4.2)


Podobny numer części - 1N4936S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compact Technology Corp...
1N4936S CTC-1N4936S Datasheet
48Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
1N4936S FRONTIER-1N4936S Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
logo
Compact Technology Corp...
1N4936S CTC-1N4936S Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Podobny opis - 1N4936S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com